Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3017
Description  High Efficiency Low-Side Controller with True Shutdown
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3017 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3017_14 Datasheet HTML 3Page - Texas Instruments LM3017_14 Datasheet HTML 4Page - Texas Instruments LM3017_14 Datasheet HTML 5Page - Texas Instruments LM3017_14 Datasheet HTML 6Page - Texas Instruments LM3017_14 Datasheet HTML 7Page - Texas Instruments LM3017_14 Datasheet HTML 8Page - Texas Instruments LM3017_14 Datasheet HTML 9Page - Texas Instruments LM3017_14 Datasheet HTML 10Page - Texas Instruments LM3017_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
8
9
10
11
12
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
INPUT VOLTAGE (V)
0.1A output current
0.5A output current
1A output current
500 mV/Div
5V/Div
200 mA/Div
TIME (5 ms/DIV)
EN
IO
VO
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
80
82
84
86
88
90
92
94
96
98
100
OUTPUT CURRENT (A)
8Vin
10Vin
12Vin
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
OUTPUT CURRENT (A)
8Vin
10Vin
12Vin
-60 -40 -20
0
20
40
60
80 100
10
15
20
25
30
35
TEMPERATURE (°C)
VIN = 12V
2
3
4
5
6
7
8
9
10 11 12
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
INPUT VOLTAGE (V)
-40°C
27°C
90°C
LM3017
www.ti.com
SNOSC66C – MARCH 2012 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 12V, TJ = 25°C, circuit of Figure 29
Pass FET Drive Current vs Temperature
VCC Voltage vs Input Voltage
Figure 7.
Figure 8.
Efficiency, VOUT = 15 V
Load Regulation
Figure 9.
Figure 10.
Line Regulation
Startup Waveforms, VIN = 8 V
Figure 11.
Figure 12.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :LM3017


Similar Part No. - LM3017_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
More results

Similar Description - LM3017_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com