Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3102 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3102
Description  SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3102_14 Datasheet HTML 3Page - Texas Instruments LM3102_14 Datasheet HTML 4Page - Texas Instruments LM3102_14 Datasheet HTML 5Page - Texas Instruments LM3102_14 Datasheet HTML 6Page - Texas Instruments LM3102_14 Datasheet HTML 7Page - Texas Instruments LM3102_14 Datasheet HTML 8Page - Texas Instruments LM3102_14 Datasheet HTML 9Page - Texas Instruments LM3102_14 Datasheet HTML 10Page - Texas Instruments LM3102_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM3102
www.ti.com
SNVS515G – SEPTEMBER 2007 – REVISED JANUARY 2012
Typical Performance Characteristics (continued)
All curves are taken at VIN = 18V with the configuration in the typical application circuit for VOUT = 3.3V shown in this
datasheet. TA = 25°C, unless otherwise specified.
Efficiency
RDS(on)
vs
vs
Load Current
Temperature
(VOUT = 3.3V)
VOUT Regulation
Efficiency
vs
vs
Load Current
Load Current
(VOUT = 3.3V)
(VOUT = 0.8V)
VOUT Regulation
vs
Load Current
Power Up
(VOUT = 0.8V)
(VOUT = 3.3V, 2.5A Loaded)
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3102


Similar Part No. - LM3102_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3102 TI-LM3102_15 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results

Similar Description - LM3102_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com