Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3102 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3102
Description  SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3102_14 Datasheet HTML 5Page - Texas Instruments LM3102_14 Datasheet HTML 6Page - Texas Instruments LM3102_14 Datasheet HTML 7Page - Texas Instruments LM3102_14 Datasheet HTML 8Page - Texas Instruments LM3102_14 Datasheet HTML 9Page - Texas Instruments LM3102_14 Datasheet HTML 10Page - Texas Instruments LM3102_14 Datasheet HTML 11Page - Texas Instruments LM3102_14 Datasheet HTML 12Page - Texas Instruments LM3102_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM3102
www.ti.com
SNVS515G – SEPTEMBER 2007 – REVISED JANUARY 2012
Simplified Functional Block Diagram
Functional Description
The LM3102 Step Down Switching Regulator features all required functions to implement a cost effective,
efficient buck power converter capable of supplying 2.5A to a load. It contains Dual N-Channel main and
synchronous MOSFETs. The Constant ON-Time (COT) regulation scheme requires no loop compensation,
results in fast load transient response and simple circuit implementation. The regulator can function properly
even with an all ceramic output capacitor network, and does not rely on the output capacitor’s ESR for stability.
The operating frequency remains constant with line variations due to the inverse relationship between the input
voltage and the on-time. The valley current limit detection circuit, with the limit set internally at 2.7A, inhibits the
main MOSFET until the inductor current level subsides.
The LM3102 can be applied in numerous applications and can operate efficiently for inputs as high as 42V.
Protection features include output over-voltage protection, thermal shutdown, VCC under-voltage lock-out, gate
drive under-voltage lock-out. The LM3102 is available in the thermally enhanced eTSSOP-20 package.
COT Control Circuit Overview
COT control is based on a comparator and a one-shot on-timer, with the output voltage feedback (feeding to the
FB pin) compared with an internal reference of 0.8V. If the voltage of the FB pin is below the reference, the main
MOSFET is turned on for a fixed on-time determined by a programming resistor RON and the input voltage VIN,
upon which the on-time varies inversely. Following the on-time, the main MOSFET remains off for a minimum of
260 ns. Then, if the voltage of the FB pin is below the reference, the main MOSFET is turned on again for
another on-time period. The switching will continue to achieve regulation.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3102


Similar Part No. - LM3102_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3102 TI-LM3102_15 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results

Similar Description - LM3102_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com