Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3450
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3450_14 Datasheet HTML 6Page - Texas Instruments LM3450_14 Datasheet HTML 7Page - Texas Instruments LM3450_14 Datasheet HTML 8Page - Texas Instruments LM3450_14 Datasheet HTML 9Page - Texas Instruments LM3450_14 Datasheet HTML 10Page - Texas Instruments LM3450_14 Datasheet HTML 11Page - Texas Instruments LM3450_14 Datasheet HTML 12Page - Texas Instruments LM3450_14 Datasheet HTML 13Page - Texas Instruments LM3450_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
+
-
+
-
+
-
ANGLE
DEMOD
DIM
R
2R
COMP
FB
2.7V
2.5V
346mV
50 PA
1 PA
168mV
3V
75 mV
FLT1
FLT2
500 k:
+
-
Low Power
VCCUV
CS
GND
ZCD
HOLD
GATE
+
-
5 PA
5 k:
40 k:
+
-
LEB
1.5V
LOGIC
&
CONTROL
Over Voltage
Shutdown
Error Amp
Disable
5V
PWM
Current Limit
Multiplier
1.5V
Zero Crossing
6V
BIAS
VCCUV
6V
14V
INTERNAL
REGULATORS
VCC UVLO
+
-
3V
Q
Q
R
S
THERMAL
SHUTDOWN
10V
LEB
VCCUV
Sampled Hold
Transition
140 ns
Low Power
MAXIMUM
OFF-TIME
(340 Ps, 42 Ps)
1 k:
VCCUV
COMP
PRE-BIAS
Amplitude Adjust
Low Power
Reset Off-Timer
Timer Expired
+
-
+
-
+
-
+
-
+
-
Burst
1.4V
Burst
1.5V
SAMPLE and
LOG REMAP
DIN
DOUT
500 Hz Triangle
DIN
DOUT
VCC
ISEN
VREF
VAC
VADJ
LM3450A has
Continuous Hold
*LM3450 and LM3450A are identical except where indicated in blue
LM3450
SNVS681C – NOVEMBER 2010 – REVISED JUNE 2011
www.ti.com
BLOCK DIAGRAM
10
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LM3450


Similar Part No. - LM3450_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3450 NSC-LM3450_1 Datasheet
3Mb / 26P
   Evaluation Board Maximum LED Stack Voltage
More results

Similar Description - LM3450_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
logo
National Semiconductor ...
LM3450 NSC-LM3450 Datasheet
1Mb / 28P
   LED Driver with Active Power Factor Correction and Phase Dimming Decoder
logo
Emerson Network Power
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
   Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
   Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
   Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
   Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
   Active power factor correction
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
   Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
   Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
   Active Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com