Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450A Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3450A
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450A Datasheet(HTML) 5 Page - Texas Instruments

  LM3450A Datasheet HTML 1Page - Texas Instruments LM3450A Datasheet HTML 2Page - Texas Instruments LM3450A Datasheet HTML 3Page - Texas Instruments LM3450A Datasheet HTML 4Page - Texas Instruments LM3450A Datasheet HTML 5Page - Texas Instruments LM3450A Datasheet HTML 6Page - Texas Instruments LM3450A Datasheet HTML 7Page - Texas Instruments LM3450A Datasheet HTML 8Page - Texas Instruments LM3450A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM3450
www.ti.com
SNVS681C – NOVEMBER 2010 – REVISED JUNE 2011
Electrical Characteristics
(1)
Unless otherwise specified VCC = 14V. Specifications in standard type face are for TJ = 25°C and those with boldface type
apply over the full Operating Temperature Range ( TJ = −40°C to +125°C). Typical values represent the most likely
parametric norm at TA = TJ = +25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
SUPPLY VOLTAGE INPUT (VCC)
VCC-RISE
Controller Enable Threshold
VCC Rising
12.2
13.0
13.6
V
VCC-FALL
Controller Disable Threshold
VCC falling
7.4
7.9
8.5
Glitch Filter Delay
9
µs
Turn-on Delay
40
IQ
VCC Quiescent Current
No Switching
1.6
mA
IQ-SD
VCC Shutdown Current
VFB = 0V
515
625
µA
ERROR AMPLIFIER & COMPENSATION (FB, COMP)
VFB
FB Reference (Normal Operation)
2.43
2.50
2.57
V
Input Bias Current
VFB = 2.5V
100
nA
GM
Transconductance
VFB =2.5V
69
115
161
µS
Output Source / Sink Capability
60
85
110
µA
FB Pull-up Current Source
VFB < 1.8V
43
51
59
COMP Pull-up Resistor
5
k
VCMP-B
COMP Low Threshold (Burst)
VCMP Falling
VTHM -0.08
V
COMP Low Hysteresis
20
VFB-SD
Low Threshold (Shutdown)
VFB Falling
150
168
186
FB Low Hysteresis
20
mV
VFB-EAD
FB Mid Threshold (EA Disabled)
VFB Falling
328
346
368
FB Mid Hysteresis
20
VFB-OV
FB High Threshold (Over-voltage)
1.20 x VFB
1.22 x VFB
V
COMP Pre-bias Source Current
VCMP= 0.5V
415
µA
VTHM
Minimum COMP Voltage (Normal)
1.47
V
ANGLE DEMODULATION & MULTIPLIER (COMP, VAC)
VAC-DET
VAC Angle Detection Threshold
334
356
378
mV
Angle Demodulation Delay Time
Both edges
8
µs
VAC Dynamic Input Voltage Range
0 to 5.5
V
COMP Dynamic Input Voltage Range
VTHM to
VTHM+2
VAC Input Impedance
500
k
KM
Multiplier Gain (Includes Internal
VAC = 3V, VCMP =
0.5
1/V
Resistor Divider)
VTHM+1.5V
ZERO CURRENT DETECTOR (ZCD)
VZCD-RIS
ZCD Input Threshold
VZCORising
1.45
1.5
1.55
V
Hysteresis
150
200
250
mV
Delay to Output
135
ns
VZCD-H
Positive Clamp Voltage
IZCO = 1mA
6.0
V
VZCD-L
Negative Clamp Voltage
IZCO = –50µA
0.61
PWM COMPARATOR (CS)
VOS
PWM Comparator Input Offset Voltage
30
mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified and do not imply ensured performance limits. For specified performance limits and associated
test conditions, see the Electrical Characteristics table. All voltages are with respect to the potential at the GND pin, unless otherwise
specified.
(2)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3450


Similar Part No. - LM3450A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3450AMT/NOPB TI1-LM3450AMT/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450AMTX/NOPB TI1-LM3450AMTX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
More results

Similar Description - LM3450A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
logo
National Semiconductor ...
LM3450 NSC-LM3450 Datasheet
1Mb / 28P
   LED Driver with Active Power Factor Correction and Phase Dimming Decoder
logo
Emerson Network Power
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
   Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
   Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
   Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
   Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
   Active power factor correction
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
   Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
   Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
   Active Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com