Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U0603C220JNT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # U0603C220JNT
Description  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U0603C220JNT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  U0603C220JNT Datasheet HTML 1Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 2Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 5Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 6Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 2
27/04/06 V1.0
Temperature Characteristics Code
Code
Temperature Coefficient
Operation Temperature
(°C)
Capacitance Change
C
NPO (Class I)
-55°C ~ +125
0 ±30ppm/°C
R
X7R (Class II)
±15%
F
Y5V (Class II)
30°C ~ +85
+22% ~ -82%
Capacitance Code
Code
Capacitance
(pF)
010
1*
1R5
1.5
100
10*
101
100*
102
1000*
103
10000*
222
2200*
472
4700*
Tolerance Code
Code
Tolerance
(%)
J
±5
K
±10
Z
+80/-20
PS:
·
* -- Two significant digits followed by number of zeros.
·
Temperature coefficient (T.C.) vs. Proper tolerance applied:
NPO:
For all tolerance
X7R+X5R:
K+M Tolerance
Y5V+Z5U:
M+Z Tolerance
Termination Code
Code
N
Termination Type
Nickel
Packaging Code
Code
B
T
Packaging Type
Bulk
Tape and Reel
Standard Test Conditions
Tests shall, unless otherwise specified, be carried out at 15 to 35°C and RH 45 to 75%.If any doubt and argument has been
encounter in judgement, the final test shall be done at 25 ±2°C, RH45 to 55% and 860 ~ 1060mbar. (Based on JIS standard).
Disposition
If question to the measuring result in judgement, take the capacitor under a specified temperature for 30 minutes at least before
measurement.


Similar Part No. - U0603C220JNT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U0603C220JCT ETC2-U0603C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220JCT ETC2-U0603C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220JCT ETC2-U0603C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - U0603C220JNT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com