Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5331PM Datasheet(PDF) 8 Page - Fuji Electric

Part # FA5331PM
Description  Bipolar IC For Power Factor Correction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331PM Datasheet(HTML) 8 Page - Fuji Electric

Back Button FA5331PM Datasheet HTML 4Page - Fuji Electric FA5331PM Datasheet HTML 5Page - Fuji Electric FA5331PM Datasheet HTML 6Page - Fuji Electric FA5331PM Datasheet HTML 7Page - Fuji Electric FA5331PM Datasheet HTML 8Page - Fuji Electric FA5331PM Datasheet HTML 9Page - Fuji Electric FA5331PM Datasheet HTML 10Page - Fuji Electric FA5331PM Datasheet HTML 11Page - Fuji Electric FA5331PM Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FA5331P(M)/FA5332P(M)
s Design advice
1. Start circuit
Figure 9 shows a sample start circuit. Since the IC current
while the Vcc pin voltage rises from 0V to VTHON is as small as
90
µA (typ.), the power loss in resistor RA is small. If an
additional winding is prepared in the voltage step-up inductor
(L), power to the control circuit can be supplied from this
circuit. However, the voltage must be stabilized by a regulator
circuit (REG) to prevent an excess rise of the IC supply voltage
(Vcc). Use fast or ultra-fast rectifier diodes for the rectifier circuit
(DB1) of the winding for high-frequency operation.
2. Current sensing resistor
The current sensing resistor (Rs) detects the current in the
inductor. Rs is used to make the input current sinusoidal. The
current in the inductor produces a negative voltage across Rs.
The voltage is input to IC pin 16 (IDET). Determine the value
of Rs so that the peak voltage of the IDET pin is –1V.
Rs =
Vin
√2 • Pin
.................................................. (11)
Vin: Minimum AC input voltage (effective value) [V]
Pin: Maximum input power [W]
Since the threshold voltage of the overcurrent limiting circuit
(pin 16) is –1.15V for FA5311 for and –1.10V for FA5332, the
peak input current limit (ip) is determined by:
............................................................................. (12)
3. Voltage step-up type converter
Figure 9 shows the basic circuit of a voltage step-up type
converter which is used as a power factor correction.
(a) Output voltage
For stable operation, set the output voltage to be 10V or more
over the peak value of the maximum input voltage. When
using this IC for an active filter, set the output voltage (Vo) as
follows:
Vo
≥ √ 2 • Vin + 10V ............................................ (13)
Vin: Maximum AC input voltage [V]
(effective value of sinusoidal wave)
(b) Voltage step-up inductor
When using a voltage step-up converter in continuous current
mode, the ratio of inductor current ripple to the input peak
current is set to about 20%. Determine the inductance as
follows:
L
≥ Vin
2 ( Vo –
2 • Vin )
γ • fs • Pin • Vo
................................ (14)
Vin: Minimum AC input voltage (effective value) [V]
γ : Ratio of inductor current ripple (peak to peak value) to the
input peak current (about 0.2)
fs:
Switching frequency [Hz]
Pin: Converter’s maximum input power [W]
As the characteristic curves on page 66 show, the peak
voltage at pin 3 should be at least 0.65V, even when the AC
input voltage is minimal. Considering this, determine R6 and
R7 shown in Fig. 6.
Fig. 9 Start circuit
Example: FA5332
When Vin is 85V and Pin is 300W, the formulas of (11)
and (12) can be calculated as:
Rs =
85
√ 2 • 300
= 0.2 [
Ω ]
ip =
1.10
0.2
= 5.5 [ A ]
√ 2 • 85 •
R6
R6 + R7
= 0.65 [ V ]
And,
If R6 is set to 2.7k
Ω to satisfy these formulas, R7 becomes
480k
Ω.
Example:
When Vin is 85V, Vo is 385V, and
γ is 0.2, the formula of (14)
can be calculated as:
L
≥ 2.48 ! 10
4
fs • Pin
[ H ] ......................................... (15)
(c) Smoothing capacitor
When a voltage step-up converter is used in a power factor
correction circuit, the input current waveform is regulated to be
in-phase with the input voltage waveform. Therefore, ripple
noise of twice the input line frequency appears at the output.
The output voltage (
υo) is represented as:
υo = Vo –
Io
2 •
ωo •C
• Sin 2
ωo t
................... (16)
Vo: Average output voltage
Io: Output current
ωo:2π fo (fo: Input power frequency, 50 or 60Hz)
C: Smoothing capacitor value
Therefore, the peak-to-peak value of the output ripple voltage
Vrp is given by:
Vrp =
Io
ωoC
..................................................... (17)
Using formula (17), determine the necessary C value.
16
10
7
CA
RA
RS
Vcc
AC input
DB1
L
REG
C
FA5331/FA5332
Io
1.15
Rs
FA5331: ip=
FA5332: ip= 1.10
Rs


Similar Part No. - FA5331PM

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5331PM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Cirrus Logic
CS1500 CIRRUS-CS1500_1 Datasheet
1Mb / 22P
   Digital Power Factor Correction IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Princeton Technology Co...
PT5634 PTC-PT5634 Datasheet
373Kb / 4P
   Power Factor Correction Control IC
PT5634A PTC-PT5634A Datasheet
356Kb / 4P
   Power Factor Correction Control IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
logo
Cirrus Logic
CS1500 CIRRUS-CS1500 Datasheet
842Kb / 22P
   Digital Power Factor Correction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com