Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5314PS Datasheet(PDF) 11 Page - Fuji Electric

Part # FA5314PS
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5314PS Datasheet(HTML) 11 Page - Fuji Electric

Back Button FA5314PS Datasheet HTML 7Page - Fuji Electric FA5314PS Datasheet HTML 8Page - Fuji Electric FA5314PS Datasheet HTML 9Page - Fuji Electric FA5314PS Datasheet HTML 10Page - Fuji Electric FA5314PS Datasheet HTML 11Page - Fuji Electric FA5314PS Datasheet HTML 12Page - Fuji Electric FA5314PS Datasheet HTML 13Page - Fuji Electric FA5314PS Datasheet HTML 14Page - Fuji Electric FA5314PS Datasheet HTML 15Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FA531X series
2. Disabling overload shutdown function
As shown in Figure 24, connect a 11k
Ω resistor between the
FB pin and ground. Then, the CS pin voltage does not rise
high enough to reach the reference voltage (7.0V) of the latch
comparator, and the IC does not enter the OFF latch mode.
With this connection, the overvoltage shutdown function is
available.
3. Setting soft start period and OFF latch delay
independently
Figure 25 shows a circuit for setting the soft start period and
OFF latch delay independently. In this circuit, capacitance CS
determines the soft start period, and capacitance CL
determines the OFF latch delay. If the overload shutdown and
overvoltage shutdown functions raise the CS pin voltage to
around 5V, zener diode Zn becomes conductive to charge CL.
The OFF latch delay can be thus prolonged by CL.
4. Laying out VCC and ground lines
Figure 26 and 27 show the recommended layouts of VCC and
ground lines. The bold lines represent paths carrying large
currents. The lines must have an adequate thickness.
5.Sink current setting for CS terminal
A sink current to CS terminal must be satisfied the following
condition to prevent from the malfunction which uncontrolled
pulse output generates at OUT terminal when latch-mode
protection should be operated for overvoltage.
65
µA < Ics(sink) < 500µA at Vcs= 6.5(V)
Ics(sink) : Sink current to CS terminal
Example (for the circuit shown in Fig. 28 )
Ics(sink) = (28(V)–18(V)– 6.5(V) )/7.5(k
Ω)
467 (
µA) < 500 (µA)
Fig. 24 Disabling overload shutdown function
Fig. 25 Independent setting of soft-start period
and OFF latch delay
Fig. 27 Vcc line and ground line (2) for FA5314/15
Fig. 26 Vcc line and ground line (1) for FA5310B/11B/16/17
Fig. 28 Setting sink current for CS terminal
CS
VCC
7.5k
18V Zener diode
Under 500
µA


Similar Part No. - FA5314PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5314PS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com