Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3500 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3500 Datasheet(HTML) 4 Page - Texas Instruments

  LM3500 Datasheet HTML 1Page - Texas Instruments LM3500 Datasheet HTML 2Page - Texas Instruments LM3500 Datasheet HTML 3Page - Texas Instruments LM3500 Datasheet HTML 4Page - Texas Instruments LM3500 Datasheet HTML 5Page - Texas Instruments LM3500 Datasheet HTML 6Page - Texas Instruments LM3500 Datasheet HTML 7Page - Texas Instruments LM3500 Datasheet HTML 8Page - Texas Instruments LM3500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM3500
SNVS231F – MAY 2004 – REVISED APRIL 2007
www.ti.com
Electrical Characteristics
Specifications in standard type face are for TA = 25°C and those in boldface type apply over the Operating Temperature
Range of TA = −10°C to +85°C. Unless otherwise specified VIN =2.7V and specification apply to both LM3500-16 and
LM3500-21.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current, Device Not
FB > 0.54V
0.95
1.2
Switching
mA
Quiescent Current, Device
FB = 0V
1.8
2.5
Switching
Shutdown
SHDN = 0V
0.1
2
µA
VFB
Feedback Voltage
VIN = 2.7V to 7V
0.47
0.5
0.53
V
ΔVFB
Feedback Voltage Line
VIN = 2.7V to 7V
0.1
0.4
%/V
Regulation
ICL
Switch Current Limit (LM3500-
VIN = 2.7V,
275
400
480
16)
Duty Cycle = 80%
VIN = 3.0V,
255
400
530
Duty Cycle = 70%
mA
Switch Current Limit (LM3500-
VIN = 2.7V,
420
640
770
21)
Duty Cycle = 70%
VIN = 3.0V,
450
670
800
Duty Cycle = 63%
IB
FB Pin Bias Current
FB = 0.5V (3)
45
200
nA
VIN
Input Voltage Range
2.7
7.0
V
RDSON
NMOS Switch RDSON
VIN = 2.7V, ISW = 300mA
0.43
PMOS Switch RDSON
VOUT = 6V, ISW = 300mA
1.1
2.3
DLimit
Duty Cycle Limit (LM3500-16)
FB = 0V
80
87
%
Duty Cycle Limit (LM3500-21)
FB = 0V
85
94
FSW
Switching Frequency
0.85
1.0
1.15
MHz
ISD
SHDN Pin Current (4)
SHDN = 5.5V
18
30
SHDN = 2.7V
9
16
µA
SHDN = GND
0.1
IL
Switch Leakage Current
VSW = 15V
0.01
0.5
µA
(LM3500-16)
Switch Leakage Current
VSW = 20V
0.01
2.0
(LM3500-21)
UVP
Input Undervoltage Lockout
ON Threshold
2.4
2.5
2.6
V
OFF Threshold
2.3
2.4
2.5
OVP
Output Overvoltage Protection
ON Threshold
15
15.5
16
(LM3500-16)
OFF Threshold
14
14.6
15
V
Output Overvoltage Protection
ON Threshold
20
20.5
21
(LM3500-21)
OFF Threshold
19
19.5
20
IVout
VOUT Bias Current (LM3500-
VOUT = 15V, SHDN = VIN
260
400
16)
µA
VOUT Bias Current (LM3500-
VOUT = 20V, SHDN = VIN
300
460
21)
(1)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Feedback current flows out of the pin.
(4)
Current flows into the pin.
4
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM3500


Similar Part No. - LM3500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500TL-16 NSC-LM3500TL-16 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
Texas Instruments
LM3500TL-16/NOPB TI1-LM3500TL-16/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500TL-21 NSC-LM3500TL-21 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
More results

Similar Description - LM3500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com