Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7611 Datasheet(PDF) 2 Page - Fuji Electric

Part # FA7611
Description  Bipolar IC For Switching Power Supply Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7611 Datasheet(HTML) 2 Page - Fuji Electric

  FA7611 Datasheet HTML 1Page - Fuji Electric FA7611 Datasheet HTML 2Page - Fuji Electric FA7611 Datasheet HTML 3Page - Fuji Electric FA7611 Datasheet HTML 4Page - Fuji Electric FA7611 Datasheet HTML 5Page - Fuji Electric FA7611 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FA7611CP(E)
2
s Electrical characteristics (Ta = 25
°C, VCC = 6V, RT = 33kΩ, CT = 1000pF)
Reference voltage section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Output voltage
VREF
IOR = 1mA
2.425
2.475
2.525
V
Line regulation
LINE
VCC = 3.6 to 20V, IOR =1mA
4
12
mV
Load regulation
LOAD
IOR = 0.1 to 1mA
1
6
mV
Output voltage variation due to temperature change
VTC1
Ta = –20 to +25
°C–1
1
%
VTC2
Ta = +25 to +85
°C–1
1
%
Oscillator section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
CT = 1000pF, RT = 33k
95
115
135
kHz
Frequency variation 1 (due to supply voltage change)
fdV
VCC = 3.6 to 20V
1
%
Frequency variation 2 (due to temperature change)
fdT
Ta = –20 to +85
°C5
%
Error amplifier section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference voltage
VB
0.484
0.494
0.504
V
Input bias current
IB
5
100
nA
Open-loop voltage gain
AV
70
dB
Unity-gain bandwidth
GB
0.6
MHz
Maximum output voltage (Pin 6 and Pin 12)
VOM+
RNF = 100k
VREF–0.2
V
VOM–
RNF = 100k
200
mV
Output source current (Pin 6 and Pin 12)
IOM+
VOM = 1V
40
85
200
µA
PWM comparator section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input threshold voltage (Pin 6 and Pin 12)
VTH0
Duty cycle = 0%
0.85
0.95
V
Input threshold voltage (Pin 6 and Pin 12)
VTH50
Duty cycle = 50%
1.1
V
s Absolute maximum ratings
Item
Symbol
Rating
Unit
Supply voltage
VCC
22
V
Reference voltage output current
IOR
5mA
Output current
IO
±50
mA
Total power dissipation
Pd
400
mW
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
s Recommended operating conditions
Item
Symbol
Min.
Max.
Unit
Supply voltage
VCC
3.6
20
V
Feedback resistance
RNF
100
k
Oscillator timing capacitor
CT
220
22,000
pF
Oscillator timing resistance
RT
10
100
k
Oscillation frequency
fOSC
5
200
kHz


Similar Part No. - FA7611

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7610CN FUJI-FA7610CN Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7610CPN FUJI-FA7610CPN Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7612CN FUJI-FA7612CN Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7612CP FUJI-FA7612CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
More results

Similar Description - FA7611

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com