Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3668 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3668 Datasheet(HTML) 4 Page - Texas Instruments

  LM3668 Datasheet HTML 1Page - Texas Instruments LM3668 Datasheet HTML 2Page - Texas Instruments LM3668 Datasheet HTML 3Page - Texas Instruments LM3668 Datasheet HTML 4Page - Texas Instruments LM3668 Datasheet HTML 5Page - Texas Instruments LM3668 Datasheet HTML 6Page - Texas Instruments LM3668 Datasheet HTML 7Page - Texas Instruments LM3668 Datasheet HTML 8Page - Texas Instruments LM3668 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM3668
SNVS449L – JUNE 2007 – REVISED MARCH 2011
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
PVIN, VDD Pin, SW1, SW2 & VOUT: Voltage to SGND & PGND
−0.2V to +6.0V
FB, EN, MODE, and SYNC pins
(PGND & SGND-0.2V) to (PVIN + 0.2)
PGND to SGND
-0.2V to 0.2V
Continuous Power Dissipation(4)
Internally Limited
Maximum Junction Temperature (TJ-MAX)
+125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering, 10 sec)
+260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
The Human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Operating Ratings
Input Voltage Range
2.5V to 5.5V
Recommended Load Current
0mA to 1A
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
(1)
−40°C to +85°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA)
34°C/W
WSON Package(1)
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 101.6mm x 76.2mm x 1.6mm. Thickness of
the copper layers are 2oz/1oz/1oz/2oz. The middle layer of the board is 60mm x 60mm. Ambient temperature in simulation is 22°C, still
air. Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
4
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LM3668


Similar Part No. - LM3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
More results

Similar Description - LM3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com