Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5311BP Datasheet(PDF) 2 Page - Fuji Electric

Part # FA5311BP
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5311BP Datasheet(HTML) 2 Page - Fuji Electric

  FA5311BP Datasheet HTML 1Page - Fuji Electric FA5311BP Datasheet HTML 2Page - Fuji Electric FA5311BP Datasheet HTML 3Page - Fuji Electric FA5311BP Datasheet HTML 4Page - Fuji Electric FA5311BP Datasheet HTML 5Page - Fuji Electric FA5311BP Datasheet HTML 6Page - Fuji Electric FA5311BP Datasheet HTML 7Page - Fuji Electric FA5311BP Datasheet HTML 8Page - Fuji Electric FA5311BP Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FA531X series
2
s Selection guide
Type
FA5310BP(S)
46%
+
16.0V
8.70V
1.5A
Forward type
FA5311BP(S)
70%
+
16.0V
8.70V
1.5A
Flyback type
FA5314P(S)
46%
15.5V
8.40V
1.5A
Forward type
FA5315P(S)
70%
15.5V
8.40V
1.5A
Flyback type
FA5316P(S)
46%
+
15.5V
8.40V
1.0A
Forward type
FA5317P(S)
70%
+
15.5V
8.40V
1.0A
Flyback type
Max. duty
cycle (typ.)
Polarity of overcurrent
detection
Max. output
current
UVLO (typ.)
Application
ON threshold
OFF threshold
Notes:
*1 Derating factor Ta > 25°C : 8.0mW/°C (on PC board )
*2 Derating factor Ta > 25°C : 5.5mW/°C (on PC board )
s Absolute maximum ratings
Item
Symbol
Rating
Unit
Supply voltage
VCC
31
V
Output current
FA5310/11/14/15
IO
±1.5
A
FA5316/17
±1.0
Feedback terminal input voltage
VFB
4V
Overcurrent detection
VIS
–0.3 to +4
V
terminal input voltage
CS terminal input current
ICS
2mA
Total power dissipation
Pd
800 (DIP-8) *1
mW
(Ta=25
°C)
550 (SOP-8) *2
Operating temperature
Topr
–30 to +85
°C
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–40 to +150
°C
s Recommended operating conditions
Item
Symbol
Min.
Max.
Unit
Supply voltage
VCC
10
30
V
Oscillator timing resistance
FA5310/11
RT
3.3
10
k
FA5314/15/16/17
1
10
Soft-start capacitor
CS
0.1
1
µF
Oscillation frequency
fOSC
5
600
kHz
Soft-start circuit section
Item
Symbol
Test condition
FA5310/14/16
FA5311/15/17
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Charge current (Pin 8)
ICHG
Pin 8=0V
–15
–10
–5
–15
–10
–5
µA
Input threshold voltage (Pin 8)
VTH CSO
Duty cycle =0%
0.90
0.90
V
VTH CSM
Duty cycle =
DMAX
1.90
2.30
V
s Electrical characteristics (Ta=25
°C, Vcc=18V, fOSC=135kHz)
Oscillator section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
RT=5.1k
Ω, CT=360pF
125
135
145
kHz
Frequency variation 1 (due to supply voltage change)
fdV
VCC=10 to 30V
±1%
Frequency variation 1 (due to temperature change)
fdr
Ta=–30 to +85
°C
±1.5
%
Pulse width modulation circuit section
Item
Symbol
Test condition
FA5310/14/16
FA5311/15/17
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Feedback terminal source current
IFB
VFB=0
–660
–800
–960
–660
–800
–960
µA
Input threshold voltage (Pin 2)
VTH FBO
Duty cycle =0%
0.75
0.75
V
VTH FBM
Duty cycle =
DMAX
1.80
2.30
V
Maximum duty cycle
DMAX
43
46
49
66
70
74
%


Similar Part No. - FA5311BP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5311BP

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com