Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7610CN Datasheet(PDF) 4 Page - Fuji Electric

Part # FA7610CN
Description  FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7610CN Datasheet(HTML) 4 Page - Fuji Electric

  FA7610CN Datasheet HTML 1Page - Fuji Electric FA7610CN Datasheet HTML 2Page - Fuji Electric FA7610CN Datasheet HTML 3Page - Fuji Electric FA7610CN Datasheet HTML 4Page - Fuji Electric FA7610CN Datasheet HTML 5Page - Fuji Electric FA7610CN Datasheet HTML 6Page - Fuji Electric FA7610CN Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FA7610CP(N)/FA7612CP(N)/FA7617CP(N)
4
Soft-start circuit section Common to FA7610C/12C/17C
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input bias current (Pin 6)
IBCS
80
300
nA
Input threshold voltage (Pin 6)
VTH CS0
Duty cycle = 0%
0.22
0.32
V
Input threshold voltage (Pin 6)
VTH CS50
Duty cycle = 50%
0.46
V
Short-circuit protection circuit section Common to FA7610C/12C/17C
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input threshold voltage (Pin 2)
VTH PC
1.20
1.50
1.80
V
Charge current (Pin 6)
ICHG
Pin 6 = 0V, Pin 2 = 2V
20
30
40
µA
Latch-mode threshold voltage (Pin 6)
VTH LA
1.20
1.50
1.80
V
Undervoltage lockout circuit section Common to FA7610C/12C/17C
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
OFF-to-ON threshold voltage
VTH ON
2.70
V
ON-to-OFF threshold voltage
VTH OFF
2.52
V
Voltage hysteresis
VHYS
60
180
mV
Output section
Item
Symbol
Test condition
FA7610C
FA7612C/17C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
H-level output voltage (Pin 4)
VOH
RL = 10k
3.5
4.0
———V
L-level output voltage (Pin 4)
VOL
Output sink
0.25
0.65
0.9
1.5
V
current = 20mA
Output source current (Pin 4)
ISOURCE
Pin 4 = 0V
8
11
14
———mA
Overall device
Item
Symbol
Test condition
FA7610C
FA7612C/17C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Supply current
ICC LA
Latch mode
1.6
2.2
1.5
2.2
mA
Operating-state supply current
ICC AV
RL =
2.6
3.8
1.8
3.0
mA
Duty cycle = 50%


Similar Part No. - FA7610CN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7611 FUJI-FA7611 Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CPE FUJI-FA7611CPE Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CPE FUJI-FA7613CPE Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA7610CN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com