Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5317PS Datasheet(PDF) 5 Page - Fuji Electric

Part # FA5317PS
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5317PS Datasheet(HTML) 5 Page - Fuji Electric

  FA5317PS Datasheet HTML 1Page - Fuji Electric FA5317PS Datasheet HTML 2Page - Fuji Electric FA5317PS Datasheet HTML 3Page - Fuji Electric FA5317PS Datasheet HTML 4Page - Fuji Electric FA5317PS Datasheet HTML 5Page - Fuji Electric FA5317PS Datasheet HTML 6Page - Fuji Electric FA5317PS Datasheet HTML 7Page - Fuji Electric FA5317PS Datasheet HTML 8Page - Fuji Electric FA5317PS Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FA531X series
4. CS pin circuit
As shown in Figure 5 capacitor CS is connected to the CS pin.
When power is turned on, the constant current source (10
µA)
begins to charge capacitor CS. Accordingly, the CS pin
voltage rises as shown in Figure 6. The CS pin is connected to
an input of the PWM comparator. The device is in soft-start
mode while the CS pin voltage is between 0.9V and 1.9V
(FA5310/14/16) and between 0.9V and 2.3V(FA5311/15/17).
During normal operation, the CS pin is clamped at 3.6V by
internal zener diode Zn. If the output voltage drops due to an
overload, etc., the clamp voltage shifts from 3.6V to 8.0V. As a
result, the CS pin voltage rises to 8.0V. The CS pin is also
connected to latch comparator C2. If the pin voltage rises
above 7.0V, the output of comparator C2 goes high to turn off
the bias circuit, thereby shutting the output down. Comparator
C2 can be used not only for shutdown in response to an
overload, but also for shutdown in response to an overvoltage.
Comparator C1 is also connected to the CS pin, and the bias
circuit is turned off and the output is shut down if the CS pin
voltage drops below 0.42V. In this way, comparator C1 can
also be used for output on/off control.
As explained above, the CS pin can be used for soft-start
operation, overload and overvoltage output shutdown and
output on/off control.
Further details on the four functions of the CS pin are given
below.
4.1 Soft start function
Figure 7 shows the soft start circuit. Figure 8 is the soft-start
operation timing chart. The CS pin is connected to capacitor
CS. When power is turned on, a 10
µA constant-current source
begins to charge the capacitor. As shown in the timing chart,
the CS pin voltage rises slowly in response to the charging
current. The CS pin is connected internally to the PWM
comparator. The comparator output pulse slowly widens as
shown in the timing chart.
The soft start period can be approximately evaluated by the
period ts from the time the IC is activated to the time the output
pulse width widens to 30%. Period ts is given by the following
equation:
tS(mS)=160CS(
µF)...................................(2)
Fig. 5 CS pin circuit
Fig. 6 CS pin waveform
Fig. 7 Soft-start circuit
Fig. 8 Soft-start timing chart


Similar Part No. - FA5317PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5317PS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com