Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5317PS Datasheet(PDF) 9 Page - Fuji Electric

Part # FA5317PS
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5317PS Datasheet(HTML) 9 Page - Fuji Electric

Back Button FA5317PS Datasheet HTML 5Page - Fuji Electric FA5317PS Datasheet HTML 6Page - Fuji Electric FA5317PS Datasheet HTML 7Page - Fuji Electric FA5317PS Datasheet HTML 8Page - Fuji Electric FA5317PS Datasheet HTML 9Page - Fuji Electric FA5317PS Datasheet HTML 10Page - Fuji Electric FA5317PS Datasheet HTML 11Page - Fuji Electric FA5317PS Datasheet HTML 12Page - Fuji Electric FA5317PS Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FA531X series
s Design advice
1. Startup circuit
It is necessary to start-up IC that the voltage inclination of
VCC terminal “dVcc/dt” satisfies the following equation(4).
dVcc/dt(V/s)>1.8/Cs(
µF)...............................(4)
Cs : Capacitor connected between CS terminal and GND
Note that equation (4) must be satisfied in any condition. Also,
it is necessary to keep “latch mode” for overload protection or
overvoltage protection that the current supplied to VCC
terminal through startup resistor satisfies the following
equation(5).
Icc(Lat)> 0.4mA for Vcc
9.2V ..................(5)
Icc(Lat) : Cutoff-state( = Latch mode ) supply current
The detail is explained as follows.
(1) Startup circuit connected to AC line directly
Fig. 20 shows a typical startup circuit that a startup
resistor Rc is connected to AC line directly. The period from
power-on to startup is determined by Rc, RD and CA. Rc, RD
and CA must be designed to satisfy the following equations.
dVcc/dt(V/s)=
(1/CA) • {(VAVE–Vccon )/RC–Vccon/RD–Iccst} >
1.8/(Cs(
µF))................................................(6)
Rc(k
Ω)< (VAVE–9.2(V))/{0.4 (mA) + (9.2(V)/RD(kΩ) } ...........(7)
VAVE = Vac • 2/
π : Average voltage applied to AC line side of Rc
Vac:
AC input effective voltage
Vccon: ON threshold of UVLO, 16.5V(max.) or 16.2V(max.)
Iccst:
Standby current, 0.15 mA(max.)
In this method, Vcc voltage includes ripple voltage influenced
by AC voltage. Therefore, enough dVcc/dt required by
equation (6) tend to be achieved easily when Vcc reaches to
Vccon even if Vcc goes up very slowly. After power-off, Vcc
does not rise up because a voltage applied from bias winding
to VCC terminal decreases and the current flowing RC be-
comes zero, therefore, re-startup does not occur after Vcc falls
down below OFF threshold of UVLO until next power-on.
Fig. 20 Startup circuit example(1)


Similar Part No. - FA5317PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5317PS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com