Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSQS-HOS-5FT Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QSQS-HOS-5FT
Description  Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QSQS-HOS-5FT Datasheet(HTML) 1 Page - Ralston Instruments.

  QSQS-HOS-5FT Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
Feet
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QSQS-HOS-5ft
Quick-test 6900 psi hose, S.S. hose ends, 5 ft (1.52 m) long
Microbore hoses that provide a very quick, low volume, high pressure way of connecting
to any pressure instrumentation, hand pump, calibration source or device under test
Features
• Low volume reduces the pumping effort or compressed gas usage in pressure calibration
• No thread sealant required – connect to adapters without wrenches, thread sealant or thread tape
• Bubble tight connections to 6900 psi (475 bar) with no moving parts reduces maintenance to almost zero
• Hose is hard to break and very flexible
• Adapt from hose to virtually any device under test with only one connection
• Silver color dramatically reduces the effect that changing temperature has on pressure stability
• A corrosion resistant strain-relief on each hose end reduces wear and dramatically increases hose life
• Hose is pin-pricked for use in Natural Gas applications
• Made in U.S.A.
Specifications
Length
5 ft
Pressure Range
0 to 6900 psi (0 to 475 bar)
Burst Pressure
27000 psi (1,860 bar)
End 1
Female Quick-test, stainless steel
End 2
Female Quick-test, stainless steel
Temperature range
-40 to 140 °F (-40 to 60 °C)
Outer Diameter
0.2 in (5.1 mm)
Inner Diameter
0.08 in (2.0 mm)
Minimum Bend Radius
1 in (25.4 mm)
Color
Silver
Construction
Polyamide core tube, High tensile synthetic fiber and polyamide outer cover
End materials
Stainless Steel
Fluid Media
Air, Inert Gas, Natural Gas, Petroleum Based Oil, Water


Similar Part No. - QSQS-HOS-5FT

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSQS-HOS-5FT RALSTON-QSQS-HOS-5FT Datasheet
327Kb / 1P
   Quick-test 6900 psi hose, S.S. hose ends, 5 ft (1.52 m) long
QSQS-HOS-5FT RALSTON-QSQS-HOS-5FT_19 Datasheet
327Kb / 1P
   Quick-test 6900 psi hose, S.S. hose ends, 5 ft (1.52 m) long
More results

Similar Description - QSQS-HOS-5FT

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSQS-HOS-2FT RALSTON-QSQS-HOS-2FT_14 Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-8FT RALSTON-QSQS-HOS-8FT Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-20FT RALSTON-QSQS-HOS-20FT Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-10FT RALSTON-QSQS-HOS-10FT Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-10M RALSTON-QSQS-HOS-10M Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-50FT RALSTON-QSQS-HOS-50FT Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-2M RALSTON-QSQS-HOS-2M_14 Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-5M RALSTON-QSQS-HOS-5M Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-6FT RALSTON-QSQS-HOS-6FT Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
QSQS-HOS-3FT RALSTON-QSQS-HOS-3FT_14 Datasheet
264Kb / 1P
   Microbore hoses that provide a very quick, low volume, high pressure way of connecting to any pressure instrumentation, hand pump, calibration source or device under test
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com