Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N135 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 6N135
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  6N135 Datasheet HTML 1Page - Fairchild Semiconductor 6N135 Datasheet HTML 2Page - Fairchild Semiconductor 6N135 Datasheet HTML 3Page - Fairchild Semiconductor 6N135 Datasheet HTML 4Page - Fairchild Semiconductor 6N135 Datasheet HTML 5Page - Fairchild Semiconductor 6N135 Datasheet HTML 6Page - Fairchild Semiconductor 6N135 Datasheet HTML 7Page - Fairchild Semiconductor 6N135 Datasheet HTML 8Page - Fairchild Semiconductor 6N135 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
Single-Channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.5
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Notes:
1.
Derate linearly above 70°C free-air temperature at a rate of 0.8mA/°C.
2.
Derate linearly above 70°C free-air temperature at a rate of 1.6mA/°C.
3.
Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
Symbol
Parameter
Condition
Value
Units
TSTG
Storage Temperature
-55 to +125
°C
TOPR
Operating Temperature
-55 to +100
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input
Current Each Channel(1)
25
mA
IF (pk)
Peak Forward Input Current
Each Channel(2)
50% duty cycle, 1ms P.W.
50
mA
IF (trans) Peak Transient Input Current
Each Channel
≤1 µs P.W., 300pps
1.0
A
VR
Reverse Input Voltage Each
Channel
5V
PD
Input Power Dissipation Each
Channel
6N135/6N136 and HCPL-2503/4502
100
mW
HCPL-2530/253(3)
45
DETECTOR
IO (avg)
Average Output Current Each
Channel
8
mA
IO (pk)
Peak Output Current Each
Channel
16
mA
VEBR
Emitter-Base Reverse Voltage
6N135, 6N136 and HCPL-2503 only
5
V
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
IB
Base Current
6N135, 6N136 and HCPL-2503 only
5
mA
PD
Output Power Dissipation
Each Channel
6N135, 6N136, HCPL-2503, HCPL-4502(4)
100
mW
HCPL-2530, HCPL-2531
35
mW


Similar Part No. - 6N135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - 6N135

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com