Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-7934WZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7934WZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7934WZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-7934WZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Figure 6 - Package Board Footprint (dimensions in mm)
2 x
∅ 2.54 MIN. PAD KEEP-OUT
18.42 MIN.
13.72
50
KEEP-OUT AREA
FOR MPO CONNECTOR
6.73
30.23
1.89 REF.
6.73
9 x 1.27 TOT = 11.43
8.95 REF.
FRONT
SYM.
9 x 1.27 TOT = 11.43
18 REF.
SYM.
END OF
MODULE
2 x
∅ 1.7 ± 0.05 HOLES
3 x
∅ 4.17 MIN. PAD KEEP-OUT
3 x
∅ 2.69 ± 0.05 HOLES
FOR #2 SCREW
(10 x 10 =) 100 x
∅ 0.58 ± 0.05 PADS
PCB TOP VIEW
100 PIN FCI
MEG-Array® RECEPTACLE
CONNECTORS
∅ 0.1 A B-C
∅ 0.1 A B-C
∅ 0.1 A B-C
∅ 0.1 A B-C
B
A
C
∅ 0.05 A B-C
19.02 min
0.50 max
15.70 ± 0.25
35.31+/- 0.20
PCB
PCB
Front Panel
NOTE: The host electrical connector attached to the PCB must be a 100-position FCI Meg-Array® plug (FCI PN: 84512-102) or equivalent.
Figure 7 - Host Frontplate Layout (dimensions in mm)


Similar Part No. - HFBR-7934WZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results

Similar Description - HFBR-7934WZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924Z AVAGO-HFBR-7924Z Datasheet
443Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com