Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-7934HWZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7934HWZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7934HWZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-7934HWZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934HWZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
General/Control Electrical Characteristics
(Over recommended operating conditions: Tc= 0ºC to +80ºC, Vcc=3.3V + 5%)
Parameter
Symbol
Minimum
Typical
Maximum Unit
Reference
Supply Current
ICCT
300
420
mA
Power Dissipation
PDIST
1.0
1.46
W
Regulatory Compliance
The overall equipment design will determine the certi-
fication level. The module performance is offered as a
figure of merit to assist the designer in considering their
use in equipment designs.
Electrostatic Discharge (ESD)
There are two design cases in which immunity to ESD
damage is important.
The first case is during handling of the module prior
to mounting it on the circuit board. It is important to
use normal ESD handling precautions for ESD sensitive
devices. These precautions include using grounded wrist
straps, workbenches and floor mats in ESD controlled
areas. The module performance has been shown to
provide adequate performance in typical industry pro-
duction environments.
The second case to consider is static discharges to the
exterior of the equipment chassis containing the mod-
ule parts. To the extent that the MT-based connector
receptacle is exposed to the outside of the equipment
chassis it may be subject to whatever system-level ESD
test criteria that the equipment is intended to meet. The
module performance exceeds typical industry equipment
requirements of today.
Electromagnetic Interference (EMI)
Most equipment designs using these high-speed mod-
ules from Avago Technologies will be required to meet
the requirements of FCC in the United States, CENELEC
EN55022 (CISPR 22) in Europe and VCCI in Japan. These
modules, with their shielded design, perform to the limits
listed in Table 1 to assist the designer in the management
of the overall equipment EMI performance.
Immunity
Equipment utilizing these modules will be subject to
radio frequency electromagnetic fields in some environ-
ments. These modules have good immunity to such
fields due to their shielded design.
Eye Safety
These 850 nm VCSEL-based transceiver modules provide
eye safety by design.
The HFBR-7934WZ has been registered with CDRH and
certified by TUV as a Class 1M device under Amendment
2 of IEC 60825-1. See the Regulatory Compliannce Table
for further detail. If Class 1M exposure is possible, a
safety-warning label should be placed on the product
stating the following:
LASER RADIATION
DO NOT VIEW DIRECTLY WITH OPTICAL INSTRUMENTS.
CLASS 1M LASER PRODUCT
MTP®(MPO) Optics Cleaning Statement
The optical port has recessed optics that are visible
through the nose of the port. The port plug provided
should be installed whenever a fiber cable is not con-
nected. This ensures the optics remain clean and no
cleaning should be necessary. In the event of the optics
being contaminated, forced nitrogen or dry clean air at
less than 20 psi is the recommended cleaning agent.
The features of the optical port and guide pins preclude
the use of any solid instrument. Liquids are not advised
due to potential damage.
Application of wave soldering, reflow soldering and/or
aqueous wash processes with the HFBR-7934WZ mod-
ules device on board is not recommended as damage
may occur.
Normal handling precautions for electrostatic sensitive
devices should be taken (see ESD section).


Similar Part No. - HFBR-7934HWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934HZ AVAGO-HFBR-7934HZ Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results

Similar Description - HFBR-7934HWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924Z AVAGO-HFBR-7924Z Datasheet
443Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com