Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25575 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM25575
Description  SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25575 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM25575 Datasheet HTML 7Page - Texas Instruments LM25575 Datasheet HTML 8Page - Texas Instruments LM25575 Datasheet HTML 9Page - Texas Instruments LM25575 Datasheet HTML 10Page - Texas Instruments LM25575 Datasheet HTML 11Page - Texas Instruments LM25575 Datasheet HTML 12Page - Texas Instruments LM25575 Datasheet HTML 13Page - Texas Instruments LM25575 Datasheet HTML 14Page - Texas Instruments LM25575 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Sample and
Hold DC Level
1V/A
RAMP
TON
tON
CRAMP
(10 µ x (VIN – VOUT) + 50 µ) x
LM25575, LM25575Q
www.ti.com
SNVS479F – JANUARY 2007 – REVISED FEBRUARY 2009
Error Amplifier and PWM Comparator
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network, as illustrated in Typical Application Circuit and Block Diagram. This network creates a pole at DC, a
zero and a noise reducing high frequency pole. The PWM comparator compares the emulated current sense
signal from the RAMP generator to the error amplifier output voltage at the COMP pin.
RAMP Generator
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the output inductor current.
Using this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and
provides inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current
signal for PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked.
Also, the current measurement may introduce significant propagation delays. The filtering, blanking time and
propagation delay limit the minimum achievable pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulsewidths and duty cycles is necessary for
regulation. The LM25575 utilizes a unique ramp generator, which does not actually measure the buck switch
current but rather reconstructs the signal. Reconstructing or emulating the inductor current provides a ramp
signal to the PWM comparator that is free of leading edge spikes and measurement or filtering delays. The
current reconstruction is comprised of two elements; a sample & hold DC level and an emulated current ramp.
Figure 6. Composition of Current Sense Signal
The sample & hold DC level illustrated in Figure 6 is derived from a measurement of the re-circulating Schottky
diode anode current. The re-circulating diode anode should be connected to the IS pin. The diode current flows
through an internal current sense resistor between the IS and PGND pins. The voltage level across the sense
resistor is sampled and held just prior to the onset of the next conduction interval of the buck switch. The diode
current sensing and sample & hold provide the DC level of the reconstructed current signal. The positive slope
inductor current ramp is emulated by an external capacitor connected from the RAMP pin to AGND and an
internal voltage controlled current source. The ramp current source that emulates the inductor current is a
function of the Vin and Vout voltages per the following equation:
IRAMP = (10µ x (Vin – Vout)) + 50µA
(2)
Proper selection of the RAMP capacitor depends upon the selected value of the output inductor. The value of
CRAMP can be selected from: CRAMP = L x 10
-5, where L is the value of the output inductor in Henrys. With this
value, the scale factor of the emulated current ramp will be approximately equal to the scale factor of the DC
level sample and hold (1.0 V / A). The CRAMP capacitor should be located very close to the device and connected
directly to the pins of the IC (RAMP and AGND).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25575 LM25575Q


Similar Part No. - LM25575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM25575-Q1 TI1-LM25575-Q1 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575-Q1 TI1-LM25575-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM25575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com