Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14MLA0402N Datasheet(PDF) 3 Page - Littelfuse

Part # V14MLA0402N
Description  Surface Mount Multilayer Varistors (MLVs) MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14MLA0402N Datasheet(HTML) 3 Page - Littelfuse

  V14MLA0402N Datasheet HTML 1Page - Littelfuse V14MLA0402N Datasheet HTML 2Page - Littelfuse V14MLA0402N Datasheet HTML 3Page - Littelfuse V14MLA0402N Datasheet HTML 4Page - Littelfuse V14MLA0402N Datasheet HTML 5Page - Littelfuse V14MLA0402N Datasheet HTML 6Page - Littelfuse V14MLA0402N Datasheet HTML 7Page - Littelfuse V14MLA0402N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2013 Littelfuse, Inc.
41
Revised: December 16, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Peak Current and Energy Derating Curve
When transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown
on the Device Ratings and Specifications Table for the
specificdevice.Forapplicationsexceeding125°Cambient
temperature, the peak surge current and energy ratings
must be derated as shown below.
100
80
60
40
20
0
-55
50
60
70
80
90 100110 120130 140150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. PEAK CURRENT AND ENERGY
DERATING CURVE
T1
T2
100
50
0
O1
TIME
O1 = VIRTUAL ORIGIN OFWAVE
t1 = VIRTUAL FRONT TIME = 1.25 x t
(IMPULSE DURATION)
t = TIME FROM 10% TO 90% OF PEAK
t2 = VIRTUALTIME TO HALFVALUE
EXAMPLE:
FOR AN 8/20 s CURRENT WAVEFORM
8s = t1 = VIRTUAL FRONT TIME
20 s = t2 = VIRTUALTIME TO
HALFVALUE
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
FOR CLAMPING VOLTAGE
T
Peak Pulse CurrentTest Waveform for Clamping Voltage
Limit V-I Characteristic for V9MLA0402L
Limit V-I Characteristic for V5.5MLA0402 to V18MLA0402
Limit V-I Characteristic for V3.5MLA0603 to V30MLA0603
1
10
100
1µA
10µA
100µA
1mA
10mA
1A
10A100A
V9MLA0402L
V5.5MLA0402L
MLA0402L Limit VI Curves
Current (A)
Limit V-I Characteristic for V3.5MLA0805L to V30MLA0805L
1
10
100
1000
10µA
100µA
1mA
10mA
100mA
1A
10A100A
V5.5MLA0805L
V3.5MLA0805L
V9MLA0805L
V12MLA0805L
V14MLA0805L
V18MLA0805L
V26MLA0805L
V30MLA0805L
FIGURE 6. LIMIT V-I CHARACTERISTIC FOR V3.5MLA0805L TO V30MLA0805L
Current (A)
1
10
100
1000
10µA
100µA
1mA
10mA
100mA
1A
10A100A
V30MLA0603
V26MLA0603
V18MLA0603
V14MLA0603
V9MLA0603, V9MLA0603L
V5.5MLA0603, V5.5MLA0603L
V3.5MLA0603
Current (A)
FIGURE 5. LIMIT V-I CHARACTERISTIC FOR V3.5MLA0603 TO V30MLA0603
1
10
100
1µA
10µA
100µA
1mA
10mA
1A
10A100A
Current (A)
V18MLA0402
V14MLA0402
V9MLA0402
V5.5MLA0402
MLA0402 Limit VI Curves
0
1=VirtualOriginofWave
T=Timefrom10%to90%ofPeak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
µs Current Waveform:
8µs = T
1 = Rise Time
20µs = T
2 = Decay Time
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6


Similar Part No. - V14MLA0402N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0402N LITTELFUSE-V14MLA0402N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0402N LITTELFUSE-V14MLA0402N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V14MLA0402N LITTELFUSE-V14MLA0402N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V14MLA0402N LITTELFUSE-V14MLA0402N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0402N LITTELFUSE-V14MLA0402N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V14MLA0402N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805NH LITTELFUSE-V26MLA0805NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com