Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26400Y Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM26400Y
Description  Dual 2A, 500kHz Wide Input Range Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26400Y Datasheet(HTML) 3 Page - Texas Instruments

  LM26400Y Datasheet HTML 1Page - Texas Instruments LM26400Y Datasheet HTML 2Page - Texas Instruments LM26400Y Datasheet HTML 3Page - Texas Instruments LM26400Y Datasheet HTML 4Page - Texas Instruments LM26400Y Datasheet HTML 5Page - Texas Instruments LM26400Y Datasheet HTML 6Page - Texas Instruments LM26400Y Datasheet HTML 7Page - Texas Instruments LM26400Y Datasheet HTML 8Page - Texas Instruments LM26400Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM26400Y
www.ti.com
SNVS457B – FEBRUARY 2007 – REVISED AUGUST 2007
Pin Descriptions (continued)
Pin
Name
Description
Input voltage of the power supply. Directly connected to the drain of the internal NMOS switch.
11, 12, 13,14
PVIN
Tie these pins together and connect to a local bypass capacitor.
15
SW1
Switch node of Channel 1. Connects to the inductor, catch diode, and bootstrap capacitor.
Supply rail for the gate drive of Channel 1's NMOS switch. A bootstrap capacitor should be
16
BST1
placed between the BST1 and SW1 pins.
Must be connected to system ground for low thermal impedance and low grounding
DAP
Die Attach Pad
inductance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
AVIN, PVIN
−0.5V to 22V
SWx Voltage
−0.5V to 22V
BSTx Voltage
−0.5V to 26V
BSTx to SW Voltage
−0.5V to 6V
FBx Voltage
−0.5V to 3V
ENx Voltage (2)
−0.5V to 22V
SSx Voltage
−0.5V to 3V
Junction Temperature
+150°C
ESD Susceptibility
Human Body Model (3)
2kV
Storage Temperature Range
-65°C to 150°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
the device is intended to be functional, but specific performance is not guaranteed. For guaranteed performance limits and associated
test conditions, see Electrical Characteristics table.
(2)
EN1 and EN2 pins should never be higher than VIN + 0.3V.
(3)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-A114.
Operating Ratings
(1)
VIN
3V to 20V
Junction Temperature
−40°C to +125°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
the device is intended to be functional, but specific performance is not guaranteed. For guaranteed performance limits and associated
test conditions, see Electrical Characteristics table.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26400Y


Similar Part No. - LM26400Y

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400YMH/NOPB TI-LM26400YMH/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMHX NSC-LM26400YMHX Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

Similar Description - LM26400Y

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com