Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E002
Description  QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E002 Datasheet(HTML) 4 Page - Texas Instruments

  TPD4E002 Datasheet HTML 1Page - Texas Instruments TPD4E002 Datasheet HTML 2Page - Texas Instruments TPD4E002 Datasheet HTML 3Page - Texas Instruments TPD4E002 Datasheet HTML 4Page - Texas Instruments TPD4E002 Datasheet HTML 5Page - Texas Instruments TPD4E002 Datasheet HTML 6Page - Texas Instruments TPD4E002 Datasheet HTML 7Page - Texas Instruments TPD4E002 Datasheet HTML 8Page - Texas Instruments TPD4E002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
110.0
–110.0
100.0
–100.0
90.0
–90.0
80.0
–80.0
70.0
–70.0
60.0
–60.0
50.0
–50.0
40.0
–40.0
30.0
–30.0
20.0
–20.0
10.0
–10.0
0.00
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
500m
0
–500m –1.0 –1.5
V (V)
IN
Time (50 ns/div)
TPD4E002
SLVS615D – JULY 2006 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 3. Diode Current Across I/O Voltage (Typical Values)
Figure 4. ESD Clamp Voltage At I/O Pins: IEC6100-4-2 15 kV Contact Discharge
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4E002


Similar Part No. - TPD4E002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002 Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002DRL2 TI-TPD4E002DRL2 Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002DRLR TI-TPD4E002DRLR Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002DRLR TI-TPD4E002DRLR Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TPD4E002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E002 TI-TPD4E002_10 Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
TECH PUBLIC Electronics...
ESDA6V8AV5 TECHPUBLIC-ESDA6V8AV5 Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
TPESD4002X5 TECHPUBLIC-TPESD4002X5 Datasheet
1Mb / 5P
   Low-Capacitance Array with 15-kV ESD Protection
PESD5V0L4UW TECHPUBLIC-PESD5V0L4UW Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
TPD4E002DRLR-TP TECHPUBLIC-TPD4E002DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance Array with ±15-kV ESD Protection
DZQA6V8AXV5 TECHPUBLIC-DZQA6V8AXV5 Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
NZQA6V8AXV5T1G TECHPUBLIC-NZQA6V8AXV5T1G Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
SP1001-04XTG TECHPUBLIC-SP1001-04XTG Datasheet
1Mb / 4P
   Low-Capacitance Array with 15-kV ESD Protection
logo
Texas Instruments
TPD6E001 TI-TPD6E001 Datasheet
702Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com