Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S1394 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S1394
Description  ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S1394 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4S1394 Datasheet HTML 1Page - Texas Instruments TPD4S1394 Datasheet HTML 2Page - Texas Instruments TPD4S1394 Datasheet HTML 3Page - Texas Instruments TPD4S1394 Datasheet HTML 4Page - Texas Instruments TPD4S1394 Datasheet HTML 5Page - Texas Instruments TPD4S1394 Datasheet HTML 6Page - Texas Instruments TPD4S1394 Datasheet HTML 7Page - Texas Instruments TPD4S1394 Datasheet HTML 8Page - Texas Instruments TPD4S1394 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
4
V
CC
GND
V
CMLP
FWPWR_EN
D1+
D1
D2+
D2
8
7
6
5
TPD4S1394
www.ti.com
SLVSA55A – NOVEMBER 2009 – REVISED MARCH 2013
FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
Check for Samples: TPD4S1394
1
FEATURES
DESCRIPTION
The TPD4S1394 provides robust system level ESD
IEEE1394 Live Insertion Protection
solution for the IEEE.1394 port along with a live
Exceeds ESD protection to IEC61000-4- 2
insertion detection mechanism for high-speed lines
(Level 4)
interfacing a low-voltage, ESD sensitive core chipset.
±15-kV Human-Body Model (HBM)
This
device
protects
and
monitors
up
to
two
differential input pairs. The optimized line capacitance
±6-kV IEC 61000-4-2 Contact Discharge
allows to protect the data lines with data rate in
4-Channel Matching ESD Clamps for High-
excess of 1.6 GHz without degrading signal integrity.
Speed Differential Lines
The TPD4S1394 incorporates a live insertion circuit
Flow-Through, Single-in-Line Pin Mapping
whose output state changes when improper voltage
Simplifies Board Layout
levels are present on the input data lines. The
Available in an 8-Pin X2SON (DQL) package
FWPWR_EN signal controls an external FireWire port
power switch. During the live insertion event if there
is a floating GND or a high level signal at the D+, D–
APPLICATIONS
pins, the internal comparator will detect the changes
IEEE 1394 Live Insertion Protection
and pull the FWPWR_EN signal to low state. When
FWPWR_EN is driven low, there is an internal delay
DQL PACKAGE
mechanism preventing it from being driven to the high
(TOP VIEW)
state regardless of the inputs to the comparator.
Additionally,
the
TPD4S1394
performs
ESD
protection on the four inputs pins: D1+, D1–, D2+,
and
D2–.
The
TPD4S1394
conforms
to
the
IEC61000-4-2 (Level 4) ESD protection and ±15 kV
HBM
ESD
protection.
The
TPD4S1394
is
characterized
for
operation
over
ambient
air
temperature of –40°C to 85°C.
A 0.1uF decoupling capacitor is required at VCC
(pin1)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD4S1394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S1394 TI1-TPD4S1394 Datasheet
534Kb / 10P
[Old version datasheet]   FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
TPD4S1394DQLR TI1-TPD4S1394DQLR Datasheet
534Kb / 10P
[Old version datasheet]   FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
More results

Similar Description - TPD4S1394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S1394 TI1-TPD4S1394 Datasheet
534Kb / 10P
[Old version datasheet]   FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
   10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
   5V high-speed universal PLD device with live insertion capability
1999 Oct 27
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
   ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Texas Instruments
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
   3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com