Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23751 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751
Description  IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS23751 Datasheet HTML 2Page - Texas Instruments TPS23751 Datasheet HTML 3Page - Texas Instruments TPS23751 Datasheet HTML 4Page - Texas Instruments TPS23751 Datasheet HTML 5Page - Texas Instruments TPS23751 Datasheet HTML 6Page - Texas Instruments TPS23751 Datasheet HTML 7Page - Texas Instruments TPS23751 Datasheet HTML 8Page - Texas Instruments TPS23751 Datasheet HTML 9Page - Texas Instruments TPS23751 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TPS23751
TPS23752
SLVSB97A – JULY 2012 – REVISED AUGUST 2012
www.ti.com
PoE INTERFACE SECTION
Unless otherwise noted, VVC = VAPD = VCS = VARTN = VRTN.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEN (DETECTION AND ENABLE)
DEN open, IVDD + IDEN + IRTN, VVDD = 10.1 V, not in
Bias current
3.0
5.0
12.0
µA
mark
DEN leakage current
VDEN = VVDD = 57 V
0.1
5.0
µA
IVDD + IDEN + IRTN, VVDD = 1.4 V
53.8
56.5
58.3
Detection current
µA
IVDD + IDEN + IRTN, VVDD = 10.1 V
395
410
417
Disable threshold
DEN falling
3.0
3.6
5.0
V
VPD_DIS
Hysteresis(1)
50
113
200
mV
CLS (CLASSIFICATION)
13 V
≤ VVDD ≤ 21 V, Measure IVDD + IDEN + IRTN
RCLS = 1270 Ω
1.80
2.17
2.60
RCLS = 243 Ω
9.90
10.60
11.20
ICLS
Classification current
mA
RCLS = 137 Ω
17.60
18.60
19.40
RCLS = 90.9 Ω
26.50
27.90
29.30
RCLS = 63.4 Ω
38.00
39.90
42.00
VVDD rising, VCLS
11.9
12.5
13.0
VCL_ON
Class lower threshold
V
VCL_H
Hysteresis(1)
1.4
1.6
1.7
VVDD rising, VCLS
21.0
22.0
23.0
VCU_OFF
Class upper threshold
V
VCU_H
Hysteresis(1)
0.50
0.75
0.90
VMSR
Mark reset threshold
VVDD falling
3.0
3.9
5.0
V
Mark state resistance
2-point measurement at 5 V and 10.1 V
6.0
9.1
12.0
k
Ω
Leakage current
VVDD = 57 V, VCLS = 0 V, measure ICLS
1
µA
RTN (PASS DEVICE)
rDS(on)
(1)
On resistance
VVC = VAPD = VARTN = VCS = VVDD
0.20
0.45
0.75
Ω
VVC = VAPD = VARTN = VCS = VVDD, VRTN =1.5 V,
Current limit
0.85
1.00
1.20
A
Measure IRTN
VVC = VAPD = VARTN = VCS = VDD, VRTN = 2 V, VDD =
Inrush current
100
140
180
mA
20 V
→ 48 V
Inrush termination
Percentage of inrush current
80%
90%
99%
Foldback threshold
VRTN
11.0
12.3
13.6
V
VRTN rising to when current limit changes to inrush
Foldback deglitch time(1)
500
800
1500
µs
current limit
Input bias current
VVDD = VRTN = 30 V, Measure IRTN
30
µA
RTN leakage current
VRTN = VVDD = 100 V, VDEN = VVSS
50
µA
T2P (TYPE 2 PSE INDICATION)
IT2P = 2 mA, after 2-event classification and softstart
is complete,
VT2P
Output low voltage
0.26
0.60
V
VVC = 12 V, VCTL = 3 V, VARTN = VVSS
VCTL = 3 V, VAPD = 2 V, Measure from switching start
tT2P
T2P startup delay
2.0
4.3
7.0
ms
to VT2P
Leakage current
VT2P = 18 V, VARTN = VVSS
10
µA
(1)
Parameters provided for reference only, and do not constitute part of TI published specifications for purposes of TI product warranty.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS23751 TPS23752


Similar Part No. - TPS23751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
TPS23751PWP TI1-TPS23751PWP Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
TPS23751PWP TI1-TPS23751PWP Datasheet
1Mb / 52P
[Old version datasheet]   Wide Range High Efficiency DC-DC Controller
TPS23751PWPR TI1-TPS23751PWPR Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
TPS23751PWPR TI1-TPS23751PWPR Datasheet
1Mb / 52P
[Old version datasheet]   Wide Range High Efficiency DC-DC Controller
More results

Similar Description - TPS23751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23751 TI1-TPS23751_15 Datasheet
1Mb / 52P
[Old version datasheet]   Wide Range High Efficiency DC-DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com