Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62402 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62402
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62402 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62402 Datasheet HTML 3Page - Texas Instruments TPS62402 Datasheet HTML 4Page - Texas Instruments TPS62402 Datasheet HTML 5Page - Texas Instruments TPS62402 Datasheet HTML 6Page - Texas Instruments TPS62402 Datasheet HTML 7Page - Texas Instruments TPS62402 Datasheet HTML 8Page - Texas Instruments TPS62402 Datasheet HTML 9Page - Texas Instruments TPS62402 Datasheet HTML 10Page - Texas Instruments TPS62402 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SW1
FB1
SW2
ADJ2
DEF_1
VIN2.5V – 6V
VIN
EN_1
EN_2
MODE/
DATA
TPS62400
GND
L
C
10 F
IN
m
R11
R12
1
2.2 H
LSP4018
m
VOUT1
C
2x10 F
GRM21BR61A106K
OUT1
m
VOUT2
R21
R22
L2
C ff2
33pF
2.2 H
LSP4018
m
C
2x10 F
GRM21BR61A106K
OUT2
m
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
www.ti.com
SLVS681E – JUNE 2006 – REVISED APRIL 2010
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS AND FIGURES
FIGURE NO.
Efficiency TPS62401 VOUT1 = 1.1V
1
Efficiency TPS62401 VOUT1 = 1.575V
2
Efficiency VOUT 2 = 1.8V
3
Efficiency TPS62400 VOUT2 = 3.3V
4
Efficiency TPS62402
5
Efficiency TPS62403
6
Efficiency TPS62404
7
Efficiency
vs VIN
8,9
DC Output Accuracy VOUT1 = 1.1V
10
DC Output Accuracy VOUT2 = 3.3V
11
DC Output Accuracy VOUT2 = 1.8V
12
DC Output Accuracy VOUT1 1.575V, L = 2.2mH, COUT = 22mF
13
DC Output Accuracy VOUT1 1.575V, L = 3.3mH, COUT = 10mF
14
FOSC
vs VIN
15
Iq for one converter
16
Iq for both converters, not switching
17
RDSON PMOS
vs VIN
18
RDSON NMOS
vs VIN
19
Light Load Output Voltage Ripple in Power Save Mode
20
Output Voltage Ripple in Forced PWM Mode
21
Output Voltage Ripple in PWM Mode
22
Forced PWM/ PFM Mode Transition
23
Load Transient Response PFM/PWM
24
Load Transient Response PWM Operation
25
Line Transient Response
26
Startup Timing One Converter
27
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Similar Part No. - TPS62402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62402 TI-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI-TPS62402 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI1-TPS62402 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62402 TI1-TPS62402 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results

Similar Description - TPS62402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com