Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65910A Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65910A
Description  Integrated Power Management Unit Top Specification
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65910A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65910A Datasheet HTML 6Page - Texas Instruments TPS65910A Datasheet HTML 7Page - Texas Instruments TPS65910A Datasheet HTML 8Page - Texas Instruments TPS65910A Datasheet HTML 9Page - Texas Instruments TPS65910A Datasheet HTML 10Page - Texas Instruments TPS65910A Datasheet HTML 11Page - Texas Instruments TPS65910A Datasheet HTML 12Page - Texas Instruments TPS65910A Datasheet HTML 13Page - Texas Instruments TPS65910A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013
www.ti.com
POWER CONSUMPTION
over operating free-air temperature range (unless otherwise noted)
All current consumption measurements are relative to the FULL chip, all VCC inputs set to VBAT voltage.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Device BACKUP state
VBAT = 2.4 V, VBACKUP = 0 V,
11
16
µA
VBAT = 0 V, VBACKUP = 3.2 V
6
9
Device OFF state
VBAT = 3.6 V, CK32K clock running
BOOT[1:0] = 00: 32-kHz RC oscillator
16.5
23
BOOT[1:0] = 01: 32-kHz quartz or bypass oscillator, BOOT0P
15
20
= 0
µA
BOOT[1:0] = 01, Backup Battery Charger on, VBACKUP = 3.2
32
42
V
VBAT = 5 V, CK32K clock running:
20
28
BOOT[1:0] = 00: RC oscillator
Device SLEEP state
VBAT = 3.6 V, CK32K clock running, PWRHOLDP = 0
BOOT[1:0] = 00, 3 DC-DCs on, 5 LDOs and VRTC on, no load
295
µA
BOOT[1:0] = 01, 3 DC-DCs on, 3 LDOs and VRTC on, no load,
279
BOOT0P = 0
Device ACTIVE state
VBAT = 3.6 V, CK32K clock running, PWRHOLDP = 0
BOOT[1:0] = 00, 3 DC-DCs on, 5 LDOs and VRTC on, no load
1
BOOT[1:0] = 01, 3 DC-DCs on, 3 LDOs and VRTC on, no load,
0.9
mA
BOOT0P = 0
BOOT[1:0] = 00, 3 DC-DCs on PWM mode (VDD1_PSKIP =
VDD2_PSKIP = VIO_PSKIP = 0), 5 LDOs and VRTC on, no
21
load
POWER REFERENCES AND THRESHOLDS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output reference voltage (VREF
Device in active or low-power mode
–1%
0.85
+1%
V
terminal)
Main battery charged
Measured on VCC7 terminal
threshold VMBCH (programmable)
Triggering monitored through NRESPRWON
VMBCH_VSEL = 11, BOOT[1:0] = 11 or 00
3
VMBCH_VSEL = 10
2.9
V
VMBCH_VSEL = 01
2.8
VMBCH_VSEL = 00
bypassed
Main battery discharged
Measured on VCC7 terminal (MTL prg)
VMBCH –
V
threshold VMBDCH (programmable) Triggering monitored through INT1
100 mV
Main battery low threshold VMBLO
Measured on VCC7 terminal (Triggering
2.5
2.6
2.7
V
(MB comparator)
monitored on terminal NRESPWRON)
VBACKUP = 0 V, measured on terminal VCC7
Main battery high threshold VMBHI
2.6
2.75
3
(MB comparator)
V
VBACKUP = 3.2 V, measured on terminal VCC7
2.5
2.55
3
Main battery not present threshold
Measured on terminal VCC7
1.9
2.1
2.2
V
VBNPR
(Triggering monitored on terminal VRTC)
VCC = 3.6 V
Ground current (analog references
+ comparators + backup battery
Device in OFF state
8
µA
switch)
Device in ACTIVE or SLEEP state
20
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Similar Part No. - TPS65910A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910A TI1-TPS65910A Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A TI1-TPS65910A Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A1RSL TI1-TPS65910A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A1RSL TI1-TPS65910A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A1RSLR TI1-TPS65910A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS65910A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com