Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92075 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS92075
Description  Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92075 Datasheet(HTML) 3 Page - Texas Instruments

  TPS92075_14 Datasheet HTML 1Page - Texas Instruments TPS92075_14 Datasheet HTML 2Page - Texas Instruments TPS92075_14 Datasheet HTML 3Page - Texas Instruments TPS92075_14 Datasheet HTML 4Page - Texas Instruments TPS92075_14 Datasheet HTML 5Page - Texas Instruments TPS92075_14 Datasheet HTML 6Page - Texas Instruments TPS92075_14 Datasheet HTML 7Page - Texas Instruments TPS92075_14 Datasheet HTML 8Page - Texas Instruments TPS92075_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS92075
www.ti.com
SLUSB88B – DECEMBER 2012 – REVISED JANUARY 2014
ABSOLUTE MAXIMUM RATINGS
(1)
All voltages are with respect to GND, –40°C < TJ = TA < 125°C, all currents are positive into and negative out of the specified
terminal (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Input voltage range
VCC
–0.3
22
V
ASNS, COFF
–0.3
6.0
Bias and ISNS
IQ bias current (non-switching)
2.5
mA
ISNS(2) to Ground
–0.3
2.5
V
Gate
GATE - continuous
–0.3
18
V
GATE - 100 ns
–2.5
20.5
V
Continuous power dissipation
Internally Limited
Electrostatic discharge
Human Body Model (HBM)
2
kV
Field Induced Charged Device Model (FICDM)
750
V
Operating junction temperature, TJ
(3)
160
°C
Storage temperature range, Tstg
–65
150
°C
Lead temperature, soldering, 10s
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ISNS can sustain –2 V for 100 ns without damage.
(3)
Maximum junction temperature is internally limited.
THERMAL INFORMATION
TPS92075
SOIC
TSOT
THERMAL METRIC(1)
UNITS
(D)
(DDC)
8 PINS
6 PINS
θJA
Junction-to-ambient thermal resistance(2)
112.3
165.5
θJCtop
Junction-to-case (top) thermal resistance(3)
58.4
28.8
θJB
Junction-to-board thermal resistance(4)
52.5
24.6
°C/W
ψJT
Junction-to-top characterization parameter(5)
12.5
0.3
ψJB
Junction-to-board characterization parameter(6)
51.9
23.8
θJCbot
Junction-to-case (bottom) thermal resistance(7)
NA
NA
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS92075


Similar Part No. - TPS92075_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075D/NOPB TI-TPS92075D/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075DDC/NOPB TI-TPS92075DDC/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075DDCR/NOPB TI-TPS92075DDCR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075DR/NOPB TI-TPS92075DR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
More results

Similar Description - TPS92075_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
   Dimmable Non-isolated Buck APFC LED Driver
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
   PWM dimmable Non-isolated Buck LED Driver
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
   WS3413 Active PFC Non-isolated Buck LED Driver
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
   WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
   WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
   WS3412 Active PFC Non-isolated Buck LED Driver
logo
IXYS Corporation
IX9908 IXYS-IX9908 Datasheet
1Mb / 10P
   High Voltage, Dimmable LED Driver with PFC Control
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com