Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92075 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS92075
Description  Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92075 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS92075_14 Datasheet HTML 7Page - Texas Instruments TPS92075_14 Datasheet HTML 8Page - Texas Instruments TPS92075_14 Datasheet HTML 9Page - Texas Instruments TPS92075_14 Datasheet HTML 10Page - Texas Instruments TPS92075_14 Datasheet HTML 11Page - Texas Instruments TPS92075_14 Datasheet HTML 12Page - Texas Instruments TPS92075_14 Datasheet HTML 13Page - Texas Instruments TPS92075_14 Datasheet HTML 14Page - Texas Instruments TPS92075_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
UDG-12169
Time
ASNS
Rectified AC
Controlled Reference
V
Internal
VREC
VISNS(peak)
VASNS
VGATE
t0
t1
t2
Time
Controlled Reference
UDG-12168
TPS92075
www.ti.com
SLUSB88B – DECEMBER 2012 – REVISED JANUARY 2014
Figure 9. Line Synchronization
Non-Dimming Ramp Mode
When the conduction angle is greater than 70%, the controller begins to create a triangular ramp that is
synchronized to the line and is centered between rising and falling edges of the ASNS signal as shown in
Figure 10. The triangular shape is much easier to generate than a sine wave while maintaining a high power
factor and low THD. The edges of the ramp do not decrease completely to zero to ensure compatibility with
TRIAC dimmers that can provide conduction angles approaching 100%.
Figure 10. Controlled Reference Output, Non-dimming
When changing between dimming mode and non-dimming mode, the ramp is created over 127 line cycles (see
Figure 11) or approximately 1 second (t2 to t3 ≈ 1 second). Because the output level before and after the change
is very similar and the change very gradual, it is impossible for the user to perceive a change in output level. The
ramp morphs from a DC level to a ramp using a method that further ensures transparency to the user. Ramp
transition occurs during construction and deconstruction of the ramp and is reversed if the conduction angle
changes sufficiently during the change process. A hysteresis in angle length is also built in to the change-to-
ramp-mode and change-from-ramp-mode transition.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS92075


Similar Part No. - TPS92075_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075D/NOPB TI-TPS92075D/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075DDC/NOPB TI-TPS92075DDC/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075DDCR/NOPB TI-TPS92075DDCR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075DR/NOPB TI-TPS92075DR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
More results

Similar Description - TPS92075_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
   Dimmable Non-isolated Buck APFC LED Driver
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
   PWM dimmable Non-isolated Buck LED Driver
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
   WS3413 Active PFC Non-isolated Buck LED Driver
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
   WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
   WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
   WS3412 Active PFC Non-isolated Buck LED Driver
logo
IXYS Corporation
IX9908 IXYS-IX9908 Datasheet
1Mb / 10P
   High Voltage, Dimmable LED Driver with PFC Control
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com