Electronic Components Datasheet Search |
|
TPS659103 Datasheet(PDF) 6 Page - Texas Instruments |
|
TPS659103 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 97 page TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103 TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109 SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013 www.ti.com RECOMMENDED OPERATING CONDITIONS (continued) over operating free-air temperature range (unless otherwise noted) Lists of the recommended operating maximum ratings for the TPS65910 device are given below. Note1: VCC7 should be connected to the highest supply that is connected to the device VCCx pin. The exception is that VCC2 and VCC4 can be higher than VCC7. Note2: VCC2 and VCC4 must be connected together (to the same voltage). Note3: If VDD3 boost is used, VAUX33 must be set to 2.8 V or higher and enabled before VDD3. PARAMETER TEST CONDITIONS MIN NOM MAX UNIT Max crystal series resistor @ Fundamental frequency 90 k Ω Crystal load capacitor According to crystal data sheet 6 12.5 pF Load crystal oscillator Coscin parallel mode Including parasitic PCB capacitor 12 25 pF ,Coscout Quality factor 8000 80000 ESD SPECIFICATIONS over operating free-air temperature range (unless otherwise noted) TI STANDARD ESD METHOD STANDARD REFERENCE PERFORMANCE REQUIREMENTS Human body model (HBM) EIA/JESD22-A114D 2000 V 2000 V Charge device model (CDM) EIA/JESD22-C101C 500 V 500 V 6 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104 TPS659105 TPS659106 TPS659107 TPS659108 TPS659109 |
Similar Part No. - TPS659103 |
|
Similar Description - TPS659103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |