Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS659105 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS659105
Description  Integrated Power Management Unit Top Specification
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659105 Datasheet(HTML) 4 Page - Texas Instruments

  TPS659105 Datasheet HTML 1Page - Texas Instruments TPS659105 Datasheet HTML 2Page - Texas Instruments TPS659105 Datasheet HTML 3Page - Texas Instruments TPS659105 Datasheet HTML 4Page - Texas Instruments TPS659105 Datasheet HTML 5Page - Texas Instruments TPS659105 Datasheet HTML 6Page - Texas Instruments TPS659105 Datasheet HTML 7Page - Texas Instruments TPS659105 Datasheet HTML 8Page - Texas Instruments TPS659105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
Lists of the recommended operating maximum ratings for the TPS65910 device are given below.
Note1: VCC7 should be connected to the highest supply that is connected to the device VCCx pin. The exception is that
VCC2 and VCC4 can be higher than VCC7.
Note2: VCC2 and VCC4 must be connected together (to the same voltage).
Note3: If VDD3 boost is used, VAUX33 must be set to 2.8 V or higher and enabled before VDD3.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VCC: Input voltage range on pins/balls VCC1, VCC2, VCCIO, VCC3, VCC4, VCC5,
2.7
3.6
5.5
V
VCC7
VCCP: Input voltage range on pins/balls VCC6
1.7
3.6
5.5
V
Input voltage range on pins/balls VDDIO
1.65
1.8/3.3
3.45
V
Input voltage range on pins/balls PWRON
0
3.6
5.5
V
Input voltage range on pins/balls SDA_SDI, SCL_SCK, SDASR_EN2, SCLSR_EN1,
1.65
VDDIO
3.45
V
SLEEP
Input voltage range on pins/balls PWRHOLD, GPIO_CKSYNC
1.65
VDDIO
5.5
V
Input voltage range on balls BOOT1, BOOT0, OSC32KIN
1.65
VRTC
1.95
V
Operating free-air temperature, TA
–40
27
85
°C
Junction temperature TJ
–40
27
125
°C
Storage temperature range
–65
27
150
°C
Lead temperature (soldering, 10 s)
260
°C
Power References
VREF filtering capacitor CO(VREF)
Connected from VREF to REFGND
100
nF
VDD1 SMPS
Input capacitor CI(VCC1)
X5R or X7R dielectric
10
µF
Filter capacitor CO(VDD1)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
f = 3 MHz
10
300
m
Ω
Inductor LO(VDD1)
2.2
µH
LO inductor dc resistor DCRL
125
m
Ω
VDD2 SMPS
Input capacitor CI(VCC2)
X5R or X7R dielectric
10
µF
Filter capacitor CO(VDD2)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
f = 3 MHz
10
300
m
Ω
Inductor LO(VDD2)
2.2
µH
LO inductor dc resistor DCRL
125
m
Ω
VIO SMPS
Input capacitor CI(VIO)
X5R or X7R dielectric
10
µF
Filter capacitor CO(VIO)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
f = 3 MHz
10
300
m
Ω
Inductor LO(VIO)
2.2
µH
LO inductor dc resistor DCRL
125
m
Ω
VDIG1 LDO
Input capacitor CI(VCC6)
X5R or X7R dielectric
4.7
µF
Filtering capacitor CO(VDIG1)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VDIG2 LDO
Filtering capacitor CO(VDIG2)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VPLL LDO
Input capacitor CI(VCC5)
X5R or X7R dielectric
4.7
µF
Filtering capacitor CO(VPLL)
0.8
2.2
2.64
µF
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Similar Part No. - TPS659105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659105 TI1-TPS659105 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659105 TI1-TPS659105 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659105A1RSL TI1-TPS659105A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659105A1RSL TI1-TPS659105A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659105A1RSLR TI1-TPS659105A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS659105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com