Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2611EVM Datasheet(PDF) 3 Page - Texas Instruments

Part # VCA2611EVM
Description  SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2611EVM Datasheet(HTML) 3 Page - Texas Instruments

  VCA2611EVM Datasheet HTML 1Page - Texas Instruments VCA2611EVM Datasheet HTML 2Page - Texas Instruments VCA2611EVM Datasheet HTML 3Page - Texas Instruments VCA2611EVM Datasheet HTML 4Page - Texas Instruments VCA2611EVM Datasheet HTML 5Page - Texas Instruments VCA2611EVM Datasheet HTML 6Page - Texas Instruments VCA2611EVM Datasheet HTML 7Page - Texas Instruments VCA2611EVM Datasheet HTML 8Page - Texas Instruments VCA2611EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VCA261xEVM
SBOU015A
3
www.ti.com
6
0.01µF
C4, C12, C19
805
Multilayer Ceramic—0805 Size
C0805C103J4RAC
Kemet
C22, C27, C32
8
0.1µF
C1, C14, C16,
805
Multilayer Ceramic—0805 Size
C0805C104J4RAC
Kemet
C18, C21, C30,
C33, C35
5
1µF
C25, C26, C28
3216
Low Profile Tantalum Capacitor
T491A105M016AS
Kemet
C23, C31
4
2.2µF
C15, C17,
3216
Low Profile Tantalum Capacitor
T491A225M016AS
Kemet
C36, C37
2
4.7pF
C5, C10
805
Multilayer Ceramic—0805 Size
C0805C479D3GAC
Kemet
5
10k
R15, R16,
805
1/10W 0805 Chip Resistor
R17, R18, R19
3
10µF
C24, C34, C38
3528
Low Profile Tantalum Capacitor
T491B106M016AS
Kemet
2
49.9
R1, R14
805
1/10W 0805 Chip Resistor
CRCW080549R9F
Dale
2
56pF
C3, C13
805
Multilayer Ceramic—0805 Size
C0805C560J3GAC
Kemet
4
169
R3, R4, R11, R12
805
1/10W 0805 Chip Resistor
Dale
2
250
R2, R13
805
1/10W 0805 Chip Resistor
CRCW08052500F
Dale
4
330pF
C6, C7, C8, C9
805
Multilayer Ceramic—0805 Size
C0805C331K3GAC
Kemet
2
332
R6, R10
805
1/10W 0805 Chip Resistor
CRCW08053320F
Dale
2
499
R5, R9
805
1/10W 0805 Chip Resistor
CRCW08054990F
Dale
2
549
R7, R8
805
1/10W 0805 Chip Resistor
CRCW08055490F
Dale
2
1nF
C2, C11
805
Multilayer Ceramic—0805 Size
C0805C102K3GAC
Kemet
1
CON_2TERM_SCREW
J4
2P-TERM
2 Terminal Screw Connector
ED-1514-ND
Digi-Key
1
CON_3TERM_SCREW
J7
3P-TERM
3 Terminal Screw Connector
ED-1515-ND
Digi-Key
2
Not Installed
C20, C29
805
Multilayer Ceramic—0805 Size
2
OPA642N
U1, U3
SOT25
High-Speed, Low THD Op Amp
OPA642N
TI
7
SMA_PCB_MT_MOD
J1, J2, J3
SMA_JACK
SMA_JACK_STRAIGHT
142-0701-231
Johnson
J5, J6, J8, J9
8
SPDT_SLIDE
SW1-SW8
SPDT_SLIDE_500MIL
C&K/TS01-C-K-E
EG-1903-ND
Digi-Key
1
SW DIP-5
S1
5_SPST_DIP_SW
DIP Switch
CKN3004-ND
Digi-Key
2
T1-1T-KK81_XFMR
T1, T2
MC_KK81
RF Transformer MINI-Circuits T1-1T
T1-1T-KK81
MINI-Circuits
1
VCA261x
U2
48-TQFP(PFB)
Voltage Controlled Amplifier
VCA261x
TI
USED
PART TYPE
DESIGNATOR
FOOTPRINT
DESCRIPTION
PART NUMBER
MFG
TABLE III. Schematic Parts List.


Similar Part No. - VCA2611EVM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2611Y/250 TAOS-VCA2611Y/250 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2611Y/2K TAOS-VCA2611Y/2K Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
More results

Similar Description - VCA2611EVM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com