Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA696X Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # HOA696X
Description  Buffer or inverting logic available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA696X Datasheet(HTML) 3 Page - Honeywell Accelerometers

  HOA696X Datasheet HTML 1Page - Honeywell Accelerometers HOA696X Datasheet HTML 2Page - Honeywell Accelerometers HOA696X Datasheet HTML 3Page - Honeywell Accelerometers HOA696X Datasheet HTML 4Page - Honeywell Accelerometers HOA696X Datasheet HTML 5Page - Honeywell Accelerometers HOA696X Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HOA696X/697X
Open-Collector Output
Transmissive Optoschmitt Sensor
ELECTRICAL CHARACTERISTICS
UNITS
TEST CONDITIONS
MIN
PARAMETER
SYMBOL
TYP
MAX
IR EMITTER
DETECTOR
COUPLED CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(25¡C Free-Air Temperature unless otherwise noted)
Operating Temperature Range
-40¡C to 70¡C
Storage Temperature Range
-40¡C to 70¡C
Soldering Temperature (5 sec)
240¡C
IR EMITTER
Power Dissipation
100 mW [À]
Reverse Voltage
3 V
Continuous Forward Current
50 mA
DETECTOR
Supply Voltage:
Totem-Pole Output
7 V [Á]
All Others
12 V [Á]
Duration of Output
Short to VÙÙ or Ground
1.0 sec.
Applied Output Voltage
35 V
Notes
1. Derate linearly at 0.78 mW/¡C above 25¡C.
2. Derate linearly from 25¡C to 5.5 V at 70¡C.
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
378


Similar Part No. - HOA696X

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA696X HONEYWELL-HOA696X Datasheet
931Kb / 6P
   Transmissive Optorschmit Sensor
logo
Honeywell Accelerometer...
HOA696X HONEYWELL-ACC-HOA696X Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
HOA696X HONEYWELL-HOA696X Datasheet
936Kb / 6P
   Transmissive Optoschmitt Sensor
logo
Honeywell Accelerometer...
HOA696X HONEYWELL-ACC-HOA696X Datasheet
931Kb / 6P
   Transmissive Optoschmitt Sensor
More results

Similar Description - HOA696X

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA6961-T51 HONEYWELL-ACC-HOA6961-T51 Datasheet
931Kb / 6P
   Buffer or inverting logic available
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
186Kb / 8P
   Inverting Buffer/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com