Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS0005KCU11H Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HS0005KCU11H
Description  SuperH??Family E10A-USB Emulator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0005KCU11H Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HS0005KCU11H Datasheet HTML 2Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 3Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 4Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 5Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 6Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 7Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 8Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 9Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
SuperH
™ Family E10A-USB Emulator
Section 1 Connecting the Emulator with the User System
R20UT2166EJ0200 Rev.2.00
Page 2 of 48
Aug 09, 2012
Table 1.1 Components of the Emulator
Classi-
fication Component
Appearance
Quan-
tity
Remarks
Hard-
ware
Emulator box
1
HS0005KCU01H:
Depth: 65.0 mm, Width: 97.0 mm,
Height: 20.0 mm, Mass: 72.9 g
or
HS0005KCU02H:
Depth: 65.0 mm, Width: 97.0 mm,
Height: 20.0 mm, Mass: 73.7 g
User system interface
cable
1
14-pin type:
Length: 20 cm, Mass: 33.1 g
User system interface
cable
1
36-pin type:
Length: 20 cm, Mass: 49.2 g
(only for HS0005KCU02H)
USB cable
1
Length: 150 cm, Mass: 50.6 g
Soft-
ware
E10A-USB emulator setup
program,
SuperH
TM Family E10A-
USB Emulator User’s
Manual,
Supplementary
Information on Using the
SH7785*, and
Test program manual for
HS0005KCU01H and
HS0005KCU02H
1
HS0005KCU01SR,
HS0005KCU01HJ,
HS0005KCU01HE,
HS7785KCU01HJ,
HS7785KCU01HE,
HS0005TM01HJ, and
HS0005TM01HE
(provided on a CD-R)
Note:
Additional document for the MPUs supported by the emulator is included. Check the target
MPU and refer to its additional document.


Similar Part No. - HS0005KCU11H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0005KCU01H RENESAS-HS0005KCU01H Datasheet
426Kb / 22P
   Renesas Microcomputer Development Environment System
HS0005KCU02H RENESAS-HS0005KCU02H Datasheet
426Kb / 22P
   Renesas Microcomputer Development Environment System
More results

Similar Description - HS0005KCU11H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E702289_SH7290 RENESAS-E702289_SH7290 Datasheet
1Mb / 252P
   SH7290 E10A Emulator
logo
Mitsubishi Electric Sem...
E702196_SH7750 MITSUBISHI-E702196_SH7750 Datasheet
1Mb / 237P
   Hitachi Microcomputer Development Environment System SH7750 E10A Emulator
logo
Analog Devices
ADZS-HPUSB-ICE AD-ADZS-HPUSB-ICE Datasheet
1Mb / 2P
   Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
logo
Zilog, Inc.
Z86K1500ZEM ZILOG-Z86K1500ZEM Datasheet
14Kb / 3P
   KEYBOARD FAMILY ICEBOX IN-CIRCUIT EMULATOR
Z8917500ZEM ZILOG-Z8917500ZEM Datasheet
16Kb / 4P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR - 175
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Zilog, Inc.
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
logo
Renesas Technology Corp
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com