Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC500 Datasheet(PDF) 4 Page - Power-One

Part # PFC500
Description  RoHS lead solder exemption compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFC500 Datasheet(HTML) 4 Page - Power-One

  PFC500 Datasheet HTML 1Page - Power-One PFC500 Datasheet HTML 2Page - Power-One PFC500 Datasheet HTML 3Page - Power-One PFC500 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Overall Size: 9.00" x 5.00" x 2.50" (228.6mm x 127.0mm x 63.5mm)
Overall Length With Fan: 10.50" (266.7mm)
Weight: 4.3 lb (1.95 kg)
Input and Output Connections:
6-32 Screw Terminal on 0.375" (9.5mm) centers
Chassis:
0.090" (2.3mm) Aluminum Alloy, With Clear Finish
DC+ or
DC- or
SUGGESTED AIRFLOW
*
* Airflow should be measured at the exiting window (5” x 2.5”).
PFC500/PDC500 Series Data Sheet
AUG 01, 2003 revised to JUL 13, 2006
Page 4 of 4
www.power-one.com
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of
the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - PFC500

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Bel Fuse Inc.
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
   Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Power-One
PFC500-1024 POWER-ONE-PFC500-1024 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Bel Fuse Inc.
PFC500-1024G BEL-PFC500-1024G Datasheet
823Kb / 5P
   Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Power-One
PFC500-1028 POWER-ONE-PFC500-1028 Datasheet
206Kb / 4P
   PerFormanCe POWER
More results

Similar Description - PFC500

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF04P WALSIN-WF04P Datasheet
513Kb / 8P
   RoHS exemption free and Lead free products
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Stackpole Electronics, ...
RMEF SEI-RMEF_V01 Datasheet
544Kb / 10P
   General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
RMEF SEI-RMEF Datasheet
547Kb / 10P
   General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
8/27/2021
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com