Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3B-22PA-2DS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A3B-22PA-2DS
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3B-22PA-2DS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A3B-22PA-2DS Datasheet HTML 1Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 2Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 3Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 4Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 5Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 6Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 7Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 8Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
C11
A3 • A4 Series
2mm Pitch Miniature Connector
Series Name: A3B : double row
A4B : single row
A3C : double row (low profile product)
Number of contacts: Double row...4, 6, 8, 10, 12, 14, 16, 18, 20, 22, 24, 26, 28, 30,
32, 44, 40, 50 (44 and 50 contacts correspond to the right angle
type only. Straight angle type corresponds to the A3C type.)
Single row... 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16
P, PA: Pin header
Contact pitch : 2mm
Contact type
DS : Right angle type
DSA : Straight type
1
2
3
4
5
A3B - 44 D - 2 C
1
2
3
4
5
Series Name: A3B : double row
A4B : single row
Number of contacts: Double row...4, 6, 8, 10, 12, 14, 18, 20, 24, 26, 28, 44
Single row... 2, 3, 4, 5, 6, 7, 8, 9, 10, 12, 15, 16, 18
Contact alignment: D
: double row
S
: single row
Contact pitch
: 2mm
Connection type: C
: crimping
1
2
3
4
5
■Ordering Information
● Pin Header (DIP type)
● Receptacle (DIP type)
● Crimping Socket
A3B - 12 P - 2 DS
1
2
3
4
5
A3 - 44 D - 2 DS
1
3
4
5
2
Note : A standoff has been added to the center portion of the connector
to provide stable mounting.
Series Name: A3
: double row
A3C : double row
A3D : double row (for FFC, FFC) (Note)
Number of contacts: 3 : 44, 50
3C, 3D : 4, 6, 8, 10, 12, 14, 16, 18, 20, 24, 28, 32, 50
DA: Receptacle
Contact pitch : 2mm
Contact type
DS: Right angle type
DSA: Straight type (lead length: 3mm)
DSC: Straight type (lead length: 2mm)
DSE: Straight type (lead length: 1.27mm)
1
2
3
4
5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3B-22PA-2DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3B-22PA-2DS HIROSE-A3B-22PA-2DS Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
A3B-22PA-2DS HIROSE-A3B-22PA-2DS Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3B-22PA-2DS(71) ETC2-A3B-22PA-2DS(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-22PA-2DSA HIROSE-A3B-22PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
A3B-22PA-2DSA HIROSE-A3B-22PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-22PA-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com