Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3B-22PA-2DS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A3B-22PA-2DS
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3B-22PA-2DS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A3B-22PA-2DS Datasheet HTML 1Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 2Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 3Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 4Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 5Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 6Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 7Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 8Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
C14
A3 • A4 Series
2mm Pitch Miniature Connector
Part Number
A4B-02PA-2DSA(71)
A4B-03PA-2DSA(71)
A4B-04PA-2DSA(71)
A4B-05PA-2DSA(71)
A4B-06PA-2DSA(71)
A4B-07PA-2DSA(71)
A4B-08PA-2DSA(71)
A4B-09PA-2DSA(71)
A4B-10PA-2DSA(71)
A4B-12PA-2DSA(71)
A4B-13PA-2DSA(71)
A4B-14PA-2DSA(71)
A4B-15PA-2DSA(71)
A4B-16PA-2DSA(71)
CL No.
622-0401-8-71
622-0402-0-71
622-0403-3-71
622-0404-6-71
622-0405-9-71
622-0406-1-71
622-0407-4-71
622-0408-7-71
622-0409-0-71
622-0411-1-71
622-0412-4-71
622-0413-7-71
622-0414-0-71
622-0415-2-71
Number of Contacts
A
B
RoHS
2
3
4
5
6
7
8
9
10
12
13
14
15
16
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
22.0
24.0
26.0
28.0
30.0
YES
●A4B Straight Type
Part Number
A4B-02PA-2DS(71)
A4B-03PA-2DS(71)
A4B-04PA-2DS(71)
A4B-05PA-2DS(71)
A4B-06PA-2DS(71)
A4B-07PA-2DS(71)
A4B-08PA-2DS(71)
A4B-09PA-2DS(71)
A4B-10PA-2DS(71)
A4B-11PA-2DS(71)
A4B-12PA-2DS(71)
A4B-13PA-2DS(71)
A4B-14PA-2DS(71)
A4B-15PA-2DS(71)
A4B-16PA-2DS(71)
CL No.
622-0351-1-71
622-0352-4-71
622-0353-7-71
622-0354-0-71
622-0355-2-71
622-0356-5-71
622-0357-8-71
622-0358-0-71
622-0359-3-71
622-0360-2-71
622-0361-5-71
622-0362-8-71
622-0363-0-71
622-0364-3-71
622-0365-6-71
Kink Positions RoHS
2
1 or 2 alternately
2 alternately
2 or 3 alternately
3 alternately
3 or 4 alternately
4 alternately
4 or 5 alternately
5 alternately
5 or 6 alternately
6 alternately
6 or 7 alternately
7 alternately
7 or 8 alternately
8 alternately
YES
Number of Contacts
A
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
●A4B Right Angle Type
Note: Please order the product per 100 pcs.
Note 1: Please order the product per 100 pcs.
Note 2: Dinmeter is 0.95±0.04 for 14pos, or more.
BPCB mounting pattern
B±0.1
2±0.05
Ø0.9±0.04
Note 2
BPCB mounting pattern
B±0.1
2±0.05
Ø0.8
+0.1
0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3B-22PA-2DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3B-22PA-2DS HIROSE-A3B-22PA-2DS Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
A3B-22PA-2DS HIROSE-A3B-22PA-2DS Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3B-22PA-2DS(71) ETC2-A3B-22PA-2DS(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-22PA-2DSA HIROSE-A3B-22PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
A3B-22PA-2DSA HIROSE-A3B-22PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-22PA-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com