Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ510MX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSQ510MX
Description  Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ510MX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSQ510MX Datasheet HTML 1Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 2Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 3Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 4Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 5Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 6Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 7Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 8Page - Fairchild Semiconductor FSQ510MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ510 / FSQ510MX • Rev. 1.4.0
5
TJ=25°C unless otherwise specified.
Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SenseFET Section
BVDSS
Drain-Source Breakdown Voltage
VCC=0 V, ID=100 µA
700
V
IDSS
Zero-Gate-Voltage Drain Current
VDS=700 V
150
µA
RDS(ON)
Drain-Source On-State Resistance
TJ=25°C, ID=180 mA
28
32
TJ=100°C, ID=180 mA
42
48
CISS
Input Capacitance
(9)
VGS=11 V
96
pF
COSS
Output Capacitance
(9)
VDS=40 V
28
pF
tr
Rise Time
(9)
VDS=350 V, ID=25 mA
100
ns
tf
Fall Time
(9)
VDS=350 V, lD=25 mA
50
ns
Control Section
fS
Initial Switching Frequency
VCC=11 V, VFB=5 V, Vsync=0 V
87.7
94.3
100.0
kHz
∆f
S
Switching Frequency Variation
(9)
-25
°C < T
J < 125°C
±5
±8
%
IFB
Feedback Source Current
VCC=11 V, VFB=0 V
200
225
250
µA
tB
Switching Blanking Time
VCC=11 V, VFB=1 V,
Vsync Frequency Sweep
7.2
7.6
8.2
µs
tW
Valley Detection Window Time
(9)
3.0
µs
DMAX
Maximum Duty Ratio
VCC=11 V, VFB=3 V
54
60
66
%
DMIN
Minimum Duty Ratio
VCC=11 V, VFB=0 V
0
%
VSTART
UVLO Threshold Voltage
VFB=0 V, VCC Sweep
8.0
8.7
9.4
V
VSTOP
After Turn-on, VFB=0 V
6.0
6.7
7.4
V
tS/S
Internal Soft-Start Time
VSTR=40 V, VCC Sweep
3
5
7
ms
Burst-Mode Section
VBURH
Burst-Mode Voltage
VCC=11 V, VFB Sweep
0.75
0.85
0.95
V
VBURL
0.65
0.75
0.85
V
HYS
100
mV
Protection Section
ILIM
Peak Current Limit
di/dt=90 mA/µs
280
320
360
mA
VSD
Shutdown Feedback Voltage
VDS=40 V, VCC=11 V,
VFB Sweep
4.2
4.7
5.2
V
IDELAY
Shutdown Delay Current
VCC=11 V, VFB=5 V
3.5
4.5
5.5
µA
tLEB
Leading-Edge Blanking Time
(9)
360
ns
TSD
Thermal Shutdown Temperature
(9)
130
140
150
°C
HYS
60
°C
Synchronous Section
VSH
Synchronous Threshold Voltage
VCC=11 V, VFB=1 V
0.55
0.70
0.85
V
VSL
VCC=11 V, VFB=1 V
0.05
0.10
0.15
V
tSync
Synchronous Delay Time
180
200
220
ns
Total Device Section
IOP
Operating Supply Current
(Control Part Only)
VCC=11 V, VFB=5.5 V
0.8
1.0
mA
ICH
Startup Charging Current
VCC=VFB=0 V,VSTR=40 V
1.0
1.2
mA
VSTR
Supply Voltage
VCC=VFB=0 V, VSTR Sweep
27
V
Note:
9.
These parameters, although guaranteed, are not 100% tested in production.


Similar Part No. - FSQ510MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510M FAIRCHILD-FSQ510M Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSQ510MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365_0709 FAIRCHILD-FSQ0365_0709 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_11 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com