Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A48H3612SS6LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A48H3612SS6LP
Description  Continuous Hinge with Clamps, Type 4X
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A48H3612SS6LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A48H3612SS6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers A48H3612SS6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers A48H3612SS6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers A48H3612SS6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Spec-00374 E
Wall-Mount EnclosurEs Wall-Mount EnclosurEs and accEssoriEs
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
stainlEss stEEl
1
Spec-00374
e763.422.2211
763.422.2600
stainlEss stEEl
Wall-Mount EnclosurEs
Wall-Mount EnclosurEs and accEssoriEs
continuous HingE WitH claMps, typE 4X
inDustry stanDarDs
UL 508A Listed; Type 3R, 4, 4X, 12; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 3R, 4, 4X, 12; File No.
E61997
NEMA/EEMAC Type 3, 3R, 4, 4X, 12, 13
CSA File No. 42186: Type 4, 4X, 12
IEC 60529, IP66
Meets NEMA Type 3RX requirements
application
For use in indoor and outdoor corrosive environments that require
a water-tight seal, this enclosure’s seamless foam-in-place
gasket and screw-down clamps provide a secure seal against
contaminants.
spEciFications
14 gauge Type 304 or Type 316L stainless steel bodies and doors
Seams continuously welded and ground smooth
Seamless foam-in-place gasket
Rolled lip around three sides of door
Stainless steel door clamp assembly
Hasp and staple for padlocking
Door removed by pulling stainless steel continuous hinge pin
Data pocket is high-impact thermoplastic
Collar studs provided for mounting optional panels
Exterior hardware on Type 316L stainless steel enclosures
matches enclosure material
Bonding provision on door; grounding stud on body
FinisH
Door, sides, top and bottom have smooth #4 brushed finish.
accEssoriEs
See also Accessories.
Fast-Operating Clamp Assembly
Panels for Type 3R, 4, 4X, 12 and 13 Enclosures
Junction Box and Wall-Mount Enclosure Swing Out Panel Kit
Steel and Stainless Steel Window Kits
H2OMIT™ Vent Drains, Type 4X
H2OMIT™ Thermoelectric Dehumidifier
MoDiFication anD custoMiZation
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: A4S
Standard Product
 
Catalog Number
AxBxC in./mm
Stainless
Steel Type
Steel Panel
Conductive
Steel Panel
Stainless
Steel Panel
Panel Size
D x E
in./mm
F
in./mm
Clamps
Qty.
Data
Pocket
A16H1206SSLP
16.00 x 12.00 x 6.00
406 x 305 x 152
304
A16P12
A16P12G
A16P12SS6
13.00 x 9.00
330 x 229
1.25
32
4
Small
A16H1206SS6LP
16.00 x 12.00 x 6.00
406 x 305 x 152
316L
A16P12
A16P12G
A16P12SS6
13.00 x 9.00
330 x 229
1.25
32
4
Small
A16H1606SSLP
16.00 x 16.00 x 6.00
406 x 406 x 152
304
A16P16
A16P16G
A16P16SS6
13.00 x 13.00
330 x 330
3.00
76
4
Small
A16H1606SS6LP
16.00 x 16.00 x 6.00
406 x 406 x 152
316L
A16P16
A16P16G
A16P16SS6
13.00 x 13.00
330 x 330
3.00
76
4
Small
A16H2006SSLP
16.00 x 20.00 x 6.00
406 x 508 x 152
304
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A16H2006SS6LP
16.00 x 20.00 x 6.00
406 x 508 x 152
316L
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A20H1606SSLP
20.00 x 16.00 x 6.00
508 x 406 x 152
304
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A20H1606SS6LP
20.00 x 16.00 x 6.00
508 x 406 x 152
316L
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A20H2006SSLP
20.00 x 20.00 x 6.00
508 x 508 x 152
304
A20P20
A20P20G
A20P20SS6
17.00 x 17.00
432 x 432
3.00
76
4
Small
A20H2006SS6LP
20.00 x 20.00 x 6.00
508 x 508 x 152
316L
A20P20
A20P20G
A20P20SS6
17.00 x 17.00
432 x 432
3.00
76
4
Small
A24H2006SSLP
24.00 x 20.00 x 6.00
610 x 508 x 152
304
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
5
Small
A24H2006SS6LP
24.00 x 20.00 x 6.00
610 x 508 x 152
316L
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
5
Small
A24H2406SSLP
24.00 x 24.00 x 6.00
610 x 610 x 203
304
A24P24
A24P24G
A24P24SS6
21.00 x 21.00
533 x 533
3.00
76
5
Small
A24H2406SS6LP
24.00 x 24.00 x 6.00
610 x 610 x 152
316L
A24P24
A24P24G
A24P24SS6
21.00 x 21.00
533 x 533
3.00
76
5
Small


Similar Part No. - A48H3612SS6LP

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A48-LCG-T-R ASSMANN-A48-LCG-T-R Datasheet
200Kb / 1P
   LOW COST IC SOCKET
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4804E3R-XXN AITSEMI-A4804E3R-XXN Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4804E3VR-XXN AITSEMI-A4804E3VR-XXN Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
More results

Similar Description - A48H3612SS6LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
   Continuous Hinge with Clamps, Type 4
logo
Hammond Manufacturing L...
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
   Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
   Continuous Hinge Door with Quarter Turn
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
List of Unclassifed Man...
I410 ETC2-I410 Datasheet
136Kb / 2P
   Current Clamps
536QC ETC2-536QC Datasheet
40Kb / 1P
   Bar Clamps
logo
Wurth Elektronik GmbH &...
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
   MICRO SIM - HINGE TYPE - 8 PINS
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
Wurth Elektronik GmbH &...
686110148922 WURTH-686110148922 Datasheet
547Kb / 7P
   WR-FPC SMT ZIF Horizontal Hinge Type
001.006
686130148922 WURTH-686130148922 Datasheet
542Kb / 7P
   WR-FPC SMT ZIF Horizontal Hinge Type
001.006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com