Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2700 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2700
Description  High Performance Schottky Diode for Transient Suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2700 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Part Number Ordering Information
Part Number
No. of Devices
Container
HSMS-2700-BLKG
HSMS-2700-TR1G
HSMS-2700-TR2G
100
3,000
10,000
Antistatic Bag
7" Reel
13" Reel
HSMS-2702-BLKG
HSMS-2702-TR1G
HSMS-2702-TR2G
100
3,000
10,000
Antistatic Bag
7" Reel
13" Reel
HSMS-270B-BLKG
HSMS-270B-TR1G
HSMS-270B-TR2G
100
3,000
10,000
Antistatic Bag
7" Reel
13" Reel
HSMS-270C-BLKG
HSMS-270C-TR1G
HSMS-270C-TR2G
100
3,000
10,000
Antistatic Bag
7" Reel
13" Reel
HSMS-270P-BLKG
HSMS-270P-TR1G
100
3,000
Antistatic Bag
7" Reel
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies Limited. All rights reserved. Obsoletes 5989-0473EN
AV02-1366EN - July 7, 2010
for three values of ambient temperature. The SOT-323
products, with their copper leadframes, can safely handle
almost twice the current of the larger SOT-23 diodes.
Note that the term “ambient temperature” refers to the
temperature of the diode’s leads, not the air around the
circuit board. It can be seen that the HSMS-270B and
HSMS-270C products in the SOT-323 package will safely
withstand a steady-state forward current of 550 mA when
the diode’s terminals are maintained at 75°C.
For pulsed currents and transient current spikes of less
than one microsecond in duration, the junction does not
have time to reach thermal steady state. Moreover, the
diode junction may be taken to temperatures higher than
150°C for short time-periods without impacting device
MTTF. Because of these factors, higher currents can be
safely handled. The HSMS-270x family has the highest
current handling capability of any Avago diode.


Similar Part No. - HSMS-2700

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode
logo
Agilent(Hewlett-Packard...
HSMS-2700-BLK HP-HSMS-2700-BLK Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700-TR1 HP-HSMS-2700-TR1 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700-TR2 HP-HSMS-2700-TR2 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HSMS-2700

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com