Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF-1005 Datasheet(PDF) 1 Page - Fuji Electric

Part # UF-1005
Description  1 AMP ULTRA FAST SWITCHING RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

UF-1005 Datasheet(HTML) 1 Page - Fuji Electric

  UF-1005 Datasheet HTML 1Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - UF-1005

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
UF-MM-10G-C ATGBICS-UF-MM-10G-C Datasheet
375Kb / 10P
   UF-MM-10G Ubiquiti Compatible Transceiver 2x SFP 10GBase-SR (850nm, MMF, 300m, DOM)
UF-MM-1G-C ATGBICS-UF-MM-1G-C Datasheet
293Kb / 8P
   UF-MM-1G Ubiquiti Compatible Transceiver 2 x SFP 1000Base-SX (850nm, MMF, 550m)
UF-SM-10-1P-C ATGBICS-UF-SM-10-1P-C Datasheet
366Kb / 10P
   UF-SM-10-1P Ubiquiti Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - UF-1005

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA356 SSDI-SDA356 Datasheet
199Kb / 2P
   FAST & ULTRA FAST 1 AMP RECTIFIER ASSEMBLY
logo
Fuji Electric
UF3001 FUJI-UF3001 Datasheet
701Kb / 1P
   3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Central Semiconductor C...
CBR1U-D010 CENTRAL-CBR1U-D010 Datasheet
337Kb / 2P
   1 AMP ULTRA FAST SILICON BRIDGE RECTIFIER
CPD16 CENTRAL-CPD16_10 Datasheet
394Kb / 2P
   Ultra Fast Rectifier 1 Amp Glass Passivated Rectifier Chip
logo
Micro Commercial Compon...
ER1A MCC-ER1A_06 Datasheet
263Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Nanjing International G...
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
   1 Amp Ultra Fast Recovery
UFM11 DGNJDZ-UFM11 Datasheet
962Kb / 3P
   1 Amp Ultra Fast Recovery
UF07A DGNJDZ-UF07A Datasheet
2Mb / 3P
   1 Amp Ultra Fast Recovery
logo
Solid States Devices, I...
SDR12U080 SSDI-SDR12U080 Datasheet
138Kb / 2P
   12 AMP ULTRA FAST RECTIFIER
logo
Micro Commercial Compon...
US1AE MCC-US1AE Datasheet
212Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com