Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME3-5SAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME3-5SAZ
Description  AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME3-5SAZ Datasheet(HTML) 1 Page - AIMTEC

  AME3-5SAZ Datasheet HTML 1Page - AIMTEC AME3-5SAZ Datasheet HTML 2Page - AIMTEC AME3-5SAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME3-AZ
3Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.B
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AME3-3.3SAZ
90-305/47-440
130-430
-40 to +80
3.3
900
2200
63
64
62
AME3-5SAZ
90-305/47-440
130-430
-40 to +80
5
600
1100
67
67
65
AME3-12SAZ
90-305/47-440
130-430
-40 to +80
12
250
680
75
73
70
AME3-15SAZ
90-305/47-440
130-430
-40 to +80
15
200
560
78
74
71
AME3-24SAZ
90-305/47-440
130-430
-40 to +80
24
125
470
81
81
80
AME3-3.3SBAZ
90-528/47-440
130-745
-40 to +80
3.3
700
2200
61
61
60
54
AME3-5SBAZ
90-528/47-440
130-745
-40 to +80
5
600
1100
67
67
66
60
AME3-12SBAZ
90-528/47-440
130-745
-40 to +80
12
250
680
72
72
70
61
AME3-15SBAZ
90-528/47-440
130-745
-40 to +80
15
200
560
72
71
70
61
AME3-24SBAZ
90-528/47-440
130-745
-40 to +80
24
125
470
71
71
69
62
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
80
mA
230 VAC
40
mA
277 VAC
35
mA
480VAC
30
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
277 VAC
20
A
480 VAC
30
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
0.5
W
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load (typical)*
±5
%
Line regulation
LL-HL, Full Load
±1.5
%
Load regulation (single output)
0-100% load (typical)*
±5
%
Transient Recovery Time
200
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
3.3/5 VAC With 560µF E/C
200
mV p-p
12/15 VAC With 220µF E/C
400
mV p-p
24 VAC With 220µF E/C
500
mV p-p
*Ripple & Noisemeasured at 20MHz bandwidth with 0.1µFand 115/230/277/480VAC( Typical input ) with Full Load
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over Load protection
Auto recovery
>125%
Short circuit protection
Auto recovery
I/O Isolation 3000VAC
RoHS compliant
Operating Temp: -40oCto +80oC
Over load, Short Circuit Protection
Energy Star compliant
Ultra small package
Input: 90-305VAC, 47-440Hz, or 130-430 VDC
Optional 90-528VAC, 47-440Hz, or 130-745 VDC
Click on Series name for product info on aimtec.com


Similar Part No. - AME3-5SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-5SAZ AIMTEC-AME3-5SAZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
AME3-5SAZ AIMTEC-AME3-5SAZ Datasheet
182Kb / 3P
   3Watt | AC-DC Converter
More results

Similar Description - AME3-5SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com