Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623
Description  General Purpose, Gated Oscillator Based, DC/DC Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2623 Datasheet(HTML) 5 Page - Texas Instruments

  LM2623 Datasheet HTML 1Page - Texas Instruments LM2623 Datasheet HTML 2Page - Texas Instruments LM2623 Datasheet HTML 3Page - Texas Instruments LM2623 Datasheet HTML 4Page - Texas Instruments LM2623 Datasheet HTML 5Page - Texas Instruments LM2623 Datasheet HTML 6Page - Texas Instruments LM2623 Datasheet HTML 7Page - Texas Instruments LM2623 Datasheet HTML 8Page - Texas Instruments LM2623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.000
2.100
2.200
2.300
2.400
2.500
2.600
2.700
2.800
2.900
3.000
-
40
-
30
-
20
-
10
0 10 20 30 40 50 60 70 80
Temperature (ºC)
2A
1A
0.000
0.050
0.100
0.150
0.200
0.250
0.300
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80
Temperature (ºC)
-50
0
50
100
Temperatur
e
0.800
0.90
0
1.00
0
1.100
1.20
0
1.30
0
1.2
1.7
2.2
2.7
3.2
3.7
4.2
Vin (V)
0
0.5
1
1.5
2
300k
225k
150
75k
V
DD
= 3.3V
TEMPERATURE (ºC)
-40
-25
-10
5
20
35
50
65
80
1.2365
1.236
1.2355
1.235
1.2345
1.234
1.2335
1.233
1.2325
300mA
600mA
10mA
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
1.8
2.1
2.4 2.7
3.0
3.3
3.6
3.9 4.2
4.5
Vin
LM2623
www.ti.com
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
Typical Performance Characteristics
Efficiency
VFB
vs
vs
VIN
Temperature
VOUT = 5.0V
Frequency
vs
VIN
Maximum Start Up Voltage vs
Temperature
Typical RDS(ON) vs
Typical Current Limit vs
Temperature
Temperature
Detailed Description
OPERATING PRINCIPLE
The LM2623 is designed to provide step-up DC-DC voltage regulation in battery-powered and low-input voltage
systems. It combines a step-up switching regulator, N-channel power MOSFET, built-in current limit, thermal
limit, and voltage reference in a single 8-pin MSOP package Figure 3. The switching DC-DC regulator boosts an
input voltage between .8V and 14V to a regulated output voltage between 1.24V and 14V. The LM2623 starts
from a low 1.1V input and remains operational down to below .8V.
This device is optimized for use in cellular phones and other applications requiring a small size, low profile, as
well as low quiescent current for maximum battery life during stand-by and shutdown. A high-efficiency gated-
oscillator topology offers an output of up to 2A at low output voltages.
Additional features include a built-in peak switch current limit, and thermal protection circuitry.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2623


Similar Part No. - LM2623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results

Similar Description - LM2623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
[Old version datasheet]   Automotive Gated-Oscillator-Based DC-DC Boost Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com