Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2675 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2675
Description  SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2675 Datasheet(HTML) 1 Page - Texas Instruments

  LM2675 Datasheet HTML 1Page - Texas Instruments LM2675 Datasheet HTML 2Page - Texas Instruments LM2675 Datasheet HTML 3Page - Texas Instruments LM2675 Datasheet HTML 4Page - Texas Instruments LM2675 Datasheet HTML 5Page - Texas Instruments LM2675 Datasheet HTML 6Page - Texas Instruments LM2675 Datasheet HTML 7Page - Texas Instruments LM2675 Datasheet HTML 8Page - Texas Instruments LM2675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM2675
www.ti.com
SNVS129E – MAY 2004 – REVISED JUNE 2005
LM2675 SIMPLE SWITCHER® Power Converter High Efficiency 1A Step-Down Voltage
Regulator
Check for Samples: LM2675
1
FEATURES
Guaranteed 1A output load current
0.25
Ω DMOS Output Switch
234
Efficiency up to 96%
Wide input voltage range: 8V to 40V
Available in SO-8, 8-pin DIP and LLP packages
260 kHz fixed frequency internal oscillator
Computer Design Software LM267X Made
Simple (version 6.0)
TTL shutdown capability, low power standby
mode
Simple and easy to design with
Thermal shutdown and current limit protection
Requires only 5 external components
Uses readily available standard inductors
TYPICAL APPLICATIONS
3.3V, 5.0V, 12V, and adjustable output versions
Simple High Efficiency (>90%) Step-Down
Adjustable version output voltage range: 1.21V
(Buck) Regulator
to 37V
Efficient Pre-Regulator for Linear Regulators
±1.5% max output voltage tolerance over line
Positive-to-Negative Converter
and load conditions
DESCRIPTION
The LM2675 series of regulators are monolithic integrated circuits built with a LMDMOS process. These
regulators provide all the active functions for a step-down (buck) switching regulator, capable of driving a 1A load
current with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5.0V,
12V, and an adjustable output version.
Requiring a minimum number of external components, these regulators are simple to use and include patented
internal frequency compensation (Patent Nos. 5,382,918 and 5,514,947) and a fixed frequency oscillator.
The LM2675 series operates at a switching frequency of 260 kHz, thus allowing smaller sized filter components
than what would be needed with lower frequency switching regulators. Because of its very high efficiency
(>90%), the copper traces on the printed circuit board are the only heat sinking needed.
A family of standard inductors for use with the LM2675 are available from several different manufacturers. This
feature greatly simplifies the design of switch-mode power supplies using these advanced ICs. Also included in
the datasheet are selector guides for diodes and capacitors designed to work in switch-mode power supplies.
Other features include a guaranteed ±1.5% tolerance on output voltage within specified input voltages and output
load conditions, and ±10% on the oscillator frequency. External shutdown is included, featuring typically 50
μA
stand-by current. The output switch includes current limiting, as well as thermal shutdown for full protection under
fault conditions.
To simplify the LM2675 buck regulator design procedure, there exists computer design software, LM267X Made
Simple version 6.0.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
Windows is a registered trademark of Microsoft Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI-LM2675 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675 TI-LM2675 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675 TI-LM2675 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-ADJ TI-LM2675M-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com