Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL2-5SBAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL2-5SBAZ
Description  AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL2-5SBAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL2-5SBAZ Datasheet HTML 1Page - AIMTEC AMEL2-5SBAZ Datasheet HTML 2Page - AIMTEC AMEL2-5SBAZ Datasheet HTML 3Page - AIMTEC AMEL2-5SBAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEL2-AZ
2Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.C
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AMEL2-3.3SAZ
90-305/47-440
130-430
-40 to +80
3.3
600
2200
70
68
66
AMEL2-5SAZ
90-305/47-440
130-430
-40 to +80
5
400
1100
71
66
64
AMEL2-12SAZ
90-305/47-440
130-430
-40 to +80
12
166
680
75
72
69
AMEL2-15SAZ
90-305/47-440
130-430
-40 to +80
15
133
560
76
73
70
AMEL2-24SAZ
90-305/47-440
130-430
-40 to +80
24
83
470
80
77
75
AMEL2-3.3SBAZ
90-528/47-440
130-745
-40 to +80
3.3
600
2200
62
62
61
54
AMEL2-5SBAZ
90-528/47-440
130-745
-40 to +80
5
400
1100
70
70
69
62
AMEL2-12SBAZ
90-528/47-440
130-745
-40 to +80
12
166
680
74
73
71
64
AMEL2-15SBAZ
90-528/47-440
130-745
-40 to +80
15
133
560
76
76
74
65
AMEL2-24SBAZ
90-528/47-440
130-745
-40 to +80
24
83
470
67
67
66
59
Models
Dual output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AMEL2-5DAZ
90-305/47-440
130-430
-40 to +80
±5
200
1100
70
69
68
AMEL2-12DAZ
90-305/47-440
130-430
-40 to +80
±12
83
680
72
72
70
AMEL2-15DAZ
90-305/47-440
130-430
-40 to +80
±15
67
330
71
70
69
AMEL2-5DBAZ
90-528/47-440
130-745
-40 to +80
±5
200
1100
69
68
67
63
AMEL2-12DBAZ
90-528/47-440
130-745
-40 to +80
±12
83
680
71
71
69
62
AMEL2-15DBAZ
90-528/47-440
130-745
-40 to +80
±15
67
330
70
69
68
61
Models
Dual Asymmetrical output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AMEL2-512DAZ
90-305/47-440
130-430
-40 to +80
5/12
170/70
1100
66
66
65
AMEL2-512DBAZ
90-528/47-440
130-745
-40 to +80
5/12
170/70
1100
65
65
64
56
I/O Isolation 3000VAC
RoHS compliant
Operating Temp: -40oCto +80oC
Energy Star compliant
Input: 90-305VAC, 47-440Hz, or 130-430 VDC
Optional 90-528Vac, 47-440Hz, or 130-745 VDC
Ultra small package
Over Load,Short Circuit Protection


Similar Part No. - AMEL2-5SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-1215DMAZ AIMTEC-AMEL20-1215DMAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
AMEL20-1215DMAZ AIMTEC-AMEL20-1215DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-1215DMAZ AIMTEC-AMEL20-1215DMAZ Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-1224DMAZ AIMTEC-AMEL20-1224DMAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
AMEL20-1224DMAZ AIMTEC-AMEL20-1224DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL2-5SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com