Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR60C-50120AZ Datasheet(PDF) 6 Page - AIMTEC

Part # AMEPR60C-50120AZ
Description  LED Driver / Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-50120AZ Datasheet(HTML) 6 Page - AIMTEC

  AMEPR60C-50120AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.C
6 of 7
North America only
AMEPR60C-24250AZ


Similar Part No. - AMEPR60C-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
826Kb / 14P
   Over Temperature Protection
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR60C-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER120C-50250CAZ AIMTEC-AMER120C-50250CAZ Datasheet
978Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com