Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL3-24SBAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL3-24SBAZ
Description  AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL3-24SBAZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL3-24SBAZ Datasheet HTML 1Page - AIMTEC AMEL3-24SBAZ Datasheet HTML 2Page - AIMTEC AMEL3-24SBAZ Datasheet HTML 3Page - AIMTEC AMEL3-24SBAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AMEL3-AZ
3Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.C
3 of 4
North America only
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB (underspecification), CSA
Information technology Equipment
IEC/EN/UL 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55022, class B
Harmonic Current Emissions
IEC/EN 61000-3-2, (EN60555-2)
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity (1KV)
IEC 61000-4-5(SAZ &DAZ:Level2,SBAZ&DBAZ:Level 1)
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
Canadian Safety Agency
CAN/CSA-C22.2 NO. 60950-1-07
Derating
0
20
60
40
80
100
80
60
40
20
0
Safe Operating Area
70
Free Air Convection
Ambient Temperature º C
100
-40 -25
ºC
55
55
50
25
Pin Out Specifications
Pin
Single
Dual
1
NC
NC
2
NC
NC
3
+V Output
+V Output
4
GND
GND
5
No Pin
-V Output
6
AC Input (L)
AC Input (L)
7
AC Input (N)
AC Input (N)


Similar Part No. - AMEL3-24SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL3-24SVZ AIMTEC-AMEL3-24SVZ Datasheet
695Kb / 4P
   AC-DC Converter
More results

Similar Description - AMEL3-24SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com