Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3485 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3485
Description  Hysteretic PFET Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485 Datasheet(HTML) 1 Page - Texas Instruments

  LM3485_14 Datasheet HTML 1Page - Texas Instruments LM3485_14 Datasheet HTML 2Page - Texas Instruments LM3485_14 Datasheet HTML 3Page - Texas Instruments LM3485_14 Datasheet HTML 4Page - Texas Instruments LM3485_14 Datasheet HTML 5Page - Texas Instruments LM3485_14 Datasheet HTML 6Page - Texas Instruments LM3485_14 Datasheet HTML 7Page - Texas Instruments LM3485_14 Datasheet HTML 8Page - Texas Instruments LM3485_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3485
www.ti.com
SNVS178F – MAY 2004 – REVISED SEPTEMBER 2009
LM3485 Hysteretic PFET Buck Controller
Check for Samples: LM3485
1
FEATURES
APPLICATIONS
2
Easy to use control methodology
Set-Top Box
No control loop compensation required
DSL/Cable Modem
4.5V to 35V wide input range
PC/IA
1.242V to VIN adjustable output range
Auto PC
High Efficiency 93%
TFT Monitor
±1.3% (±2% over temp) internal reference
Battery Powered Portable Applications
100% duty cycle
Distributed Power Systems
Maximum operating frequency > 1MHz
Always On Power
Current limit protection
MSOP-8
DESCRIPTION
The LM3485 is a high efficiency PFET switching regulator controller that can be used to quickly and easily
develop a small, low cost, switching buck regulator for a wide range of applications. The hysteretic control
architecture provides for simple design without any control loop stability concerns using a wide variety of external
components. The PFET architecture also allows for low component count as well as ultra-low dropout, 100%
duty cycle operation. Another benefit is high efficiency operation at light loads without an increase in output
ripple.
Current limit protection is provided by measuring the voltage across the PFET’s RDS(ON), thus eliminating the
need for a sense resistor. The cycle-by-cycle current limit can be adjusted with a single resistor, ensuring safe
operation over a range of output currents.
Typical Application Circuit
Connection Diagram
Figure 1. 8 Lead Plastic MSOP-8
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3485_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3485Q1MM TI-LM3485Q1MM Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MM TI1-LM3485Q1MM Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MM-NOPB TI-LM3485Q1MM-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MM/NOPB TI1-LM3485Q1MM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MMX TI-LM3485Q1MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Similar Description - LM3485_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com