Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3L4UG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD3V3L4UG
Description  Low capacitance unidirectional quadruple ESD protection diode arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3L4UG Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD3V3L4UG Datasheet HTML 1Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 2Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 3Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 4Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 5Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 6Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 7Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 8Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PESDXL4UF_G_W_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 28 February 2008
4 of 17
NXP Semiconductors
PESDxL4UF/G/W
Low capacitance unidirectional quadruple ESD protection diode arrays
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
For PESDxL4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxL4UG and PESDxL4UW measured from pin 1, 3, 4 or 5 to pin 2.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
For PESDxL4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxL4UG and PESDxL4UW measured from pin 1, 3, 4 or 5 to pin 2.
IZSM
non-repetitive peak reverse
current
square wave;
tp =1ms
PESD3V3L4UF
PESD3V3L4UG
PESD3V3L4UW
-
0.9
A
PESD5V0L4UF
PESD5V0L4UG
PESD5V0L4UW
-
0.8
A
PZSM
non-repetitive peak reverse
power dissipation
square wave;
tp =1ms
-6
W
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2][3] -20
kV
MIL-STD-883 (human
body model)
-10
kV
Table 8.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit


Similar Part No. - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L4UG PHILIPS-PESD3V3L4UG Datasheet
89Kb / 9P
   Low capacitance quadruple ESD protection diode array in SOT353 package
2004 Mar 23
PESD3V3L4UG NXP-PESD3V3L4UG Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Shanghai Leiditech Elec...
PESD3V3L4UG LEIDITECH-PESD3V3L4UG Datasheet
1Mb / 4P
   BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
More results

Similar Description - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com