Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3L4UG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESD3V3L4UG
Description  Low capacitance unidirectional quadruple ESD protection diode arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3L4UG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESD3V3L4UG Datasheet HTML 6Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 7Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 8Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 9Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 10Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 11Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 12Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 13Page - NXP Semiconductors PESD3V3L4UG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PESDXL4UF_G_W_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 28 February 2008
10 of 17
NXP Semiconductors
PESDxL4UF/G/W
Low capacitance unidirectional quadruple ESD protection diode arrays
7.
Application information
The devices are designed for the protection of up to four unidirectional data or signal lines
from the damage caused by ESD and surge pulses. The devices may be used on lines
where the signal polarities are both, positive and negative with respect to ground. The
devices provide a surge capability of 30 W per line for an 8/20
µs waveform each.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. The path length between the device and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
Fig 9.
Application diagram
006aab126
data- or transmission lines
n.c.
unidirectional protection of 4 lines
DUT
1
2
3
5
4
bidirectional protection of 3 lines
DUT
1
2
3
5
4


Similar Part No. - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L4UG PHILIPS-PESD3V3L4UG Datasheet
89Kb / 9P
   Low capacitance quadruple ESD protection diode array in SOT353 package
2004 Mar 23
PESD3V3L4UG NXP-PESD3V3L4UG Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Shanghai Leiditech Elec...
PESD3V3L4UG LEIDITECH-PESD3V3L4UG Datasheet
1Mb / 4P
   BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
More results

Similar Description - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com